Electronic Components Datasheet Search
  English  ▼

X  

AD9216 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9216
Description  10-Bit, 65/80/105 MSPS Dual A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9216 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9216 Datasheet HTML 3Page - Analog Devices AD9216 Datasheet HTML 4Page - Analog Devices AD9216 Datasheet HTML 5Page - Analog Devices AD9216 Datasheet HTML 6Page - Analog Devices AD9216 Datasheet HTML 7Page - Analog Devices AD9216 Datasheet HTML 8Page - Analog Devices AD9216 Datasheet HTML 9Page - Analog Devices AD9216 Datasheet HTML 10Page - Analog Devices AD9216 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Preliminary Technical Data
AD9216
Rev. PrD
Page 7 of 20
6/15/2004
ABSOLUTE MAXIMUM RATINGS
Table 5. AD9216 Absolute Maximum Ratings
1
Parameter
Rating
Pin Name
With Respect To
Min
Max
Unit
ELECTRICAL
AVDD
AGND
- 0.3
+3.9
V
DRVDD
DRGND
- 0.3
+3.9
V
AGND
DRGND
- 0.3
+0.3
V
AVDD
DRVDD
- 3.9
+3.9
V
Digital Outputs CLK, DCS, MUX_SELECT, SHARED_REF,
DRGND
- 0.3
DRVDD + 0.3
V
OEB, DFS
AGND
- 0.3
AVDD + 0.3
V
VINA, VINB
AGND
- 0.3
AVDD + 0.3
V
VREF
AGND
- 0.3
AVDD + 0.3
V
SENSE
AGND
- 0.3
AVDD + 0.3
V
REFB, REFT
AGND
- 0.3
AVDD + 0.3
V
PDWN
AGND
- 0.3
AVDD + 0.3
V
ENVIRONMENTAL
2
Operating Temperature
- 45
+85
°C
Junction Temperature
+150
°C
Lead Temperature (10 sec)
+300
°C
Storage Temperature
- 65
+150
°C
1 Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability
is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability.
2 Typical thermal impedances (64-lead LQFP); ? ?
JA = 54°C/W. These measurements were taken on a 4-layer board in still air, in accordance with EIA/JESD51-7.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and sample tested at specified temperatures.
III
Sample tested only.
IV Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI 100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100%
production tested at temperature extremes for military devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although this
product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com