Electronic Components Datasheet Search
  English  ▼

X  

AD9216 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9216
Description  10-Bit, 65/80/105 MSPS Dual A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9216 Datasheet(HTML) 1 Page - Analog Devices

  AD9216 Datasheet HTML 1Page - Analog Devices AD9216 Datasheet HTML 2Page - Analog Devices AD9216 Datasheet HTML 3Page - Analog Devices AD9216 Datasheet HTML 4Page - Analog Devices AD9216 Datasheet HTML 5Page - Analog Devices AD9216 Datasheet HTML 6Page - Analog Devices AD9216 Datasheet HTML 7Page - Analog Devices AD9216 Datasheet HTML 8Page - Analog Devices AD9216 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
10-Bit, 65/80/105 MSPS
Dual A/D Converter
Preliminary Technical Data
AD9216
Rev. PrD_6/15/2004
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its use,
nor for any infringements of patents or other rights of third parties that may
result from its use. Specifications subject to change without notice. No license
is granted by implication or otherwise under any patent or patent rights of
Analog Devices. Trademarks and registered trademarks are the property of
their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Integrated Dual 10-Bit A-to-D Converters
Single 3 V Supply Operation (2.7 V to 3.3 V)
SNR = 58 dBc (to Nyquist, AD9216-105)
SFDR = 75 dBc (to Nyquist, AD9216-105)
Low Power: 280mW at 105MSPS
Differential Input with 500 MHz 3 dB Bandwidth
Exceptional Cross Talk Immunity > 75dB
Flexible Analog Input: 1 V p-p to 2 V p-p Range
Offset Binary or Twos Complement Data Format
Clock Duty Cycle Stabilizer
APPLICATIONS
Ultrasound Equipment
IF Sampling in Communications Receivers:
3G, Radio Point-to-Point, LMDS, MMDS
Battery-Powered Instruments
Hand-Held Scopemeters
Low Cost Digital Oscilloscopes
GENERAL DESCRIPTION
The AD9216 is a dual, 3 V, 10-bit, 65/80/105 MSPS analog-to-
digital converter. It features dual high performance sample-and
hold amplifiers and an integrated voltage reference. The
AD9216 uses a multistage differential pipelined architecture
with output error correction logic to provide 10-bit accuracy
and guarantee no missing codes over the full operating
temperature range at up to 105 MSPS data rates. The wide
bandwidth, differential SHA allows for a variety of user
selectable input ranges and offsets including single-ended
applications. It is suitable for various applications including
multiplexed systems that switch full-scale voltage levels in
successive channels and for sampling inputs at frequencies well
beyond the Nyquist rate.
Dual single-ended clock inputs are used to control all internal
conversion cycles. A duty cycle stabilizer is available on the
AD9216 (all speed grades) and can compensate for wide
variations in the clock duty cycle, allowing the converters to
maintain excellent performance. The digital output data is
presented in either straight binary or twos complement format.
Out-of-range signals indicate an overflow condition, whic h can
be used with the most significant bit to determine low or high
overflow.
Fabricated on an advanced CMOS process, the AD9216 is
available in a space saving 64-lead LFCSP (9x9) and is
specified over the industrial temperature range (–40
°C to
+85
°C).
ADC
D9
A-D0A
AGND
VIN- _A
CLK_A
AD9216
SHA
10
VIN+_A
DCS
SENSE
REFT_A
10
AVDD
ADC
VIN-_B
SHA
VIN+_B
10
D10
B-D0B
10
MUX_SELECT
CLK_B
AGND
DRGND
SHARED_REF
PWDN_A
DFS
Mode
Control
+
-
REFB_A
REFT_B
REFB_B
Clock
Duty Cycle
Stabilizer
PWDN_B
OTR_B
OEB_B
OEB_A
OTR_A
0.5V
VREF
DRVDD
Figure 1. Functional Block Diagram
PRODUCT HIGHLIGHTS
1.
Pin compatible with AD9238, dual 12-bit
20/40/65MSPS ADC and AD9248, dual 14-bit
20/40/65MSPS ADC.
2.
Speed grade options off 105 MSPS, 80 MSPS, and
65 MSPS allow flexibility between power, cost, and
performance to suit an application.
3.
Low power consumption:
AD9216-105: 105 MSPS = 280 mW
AD9216-80:
80 MSPS = 238 mW
AD9216-65:
65 MSPS = 215mW
4.
The patented SHA input maintains excellent
performance for input frequencies up to 100 MHz and
can be configured for single-ended or differential
operation.
5.
Typical channel isolation of 75 dB @ fIN = 10 MHz.
6.
The clock duty cycle stabilizer maintains performance
over a wide range of clock duty cycles.


Similar Part No. - AD9216

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216-105PCB AD-AD9216-105PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9216-105PCB AD-AD9216-105PCB Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
AD9216-80PCB AD-AD9216-80PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9216-80PCB AD-AD9216-80PCB Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
AD9216BCPZ-105 AD-AD9216BCPZ-105 Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
More results

Similar Description - AD9216

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218 AD-AD9218 Datasheet
1Mb / 24P
10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV.0
AD9214 AD-AD9214 Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
AD9215 AD-AD9215 Datasheet
1Mb / 36P
10-Bit, 65/80/105 MSPS, 3V A/D Converter
5/03-Revision 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com