Electronic Components Datasheet Search
  English  ▼

X  

AD9216 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9216
Description  10-Bit, 65/80/105 MSPS Dual A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9216 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9216 Datasheet HTML 9Page - Analog Devices AD9216 Datasheet HTML 10Page - Analog Devices AD9216 Datasheet HTML 11Page - Analog Devices AD9216 Datasheet HTML 12Page - Analog Devices AD9216 Datasheet HTML 13Page - Analog Devices AD9216 Datasheet HTML 14Page - Analog Devices AD9216 Datasheet HTML 15Page - Analog Devices AD9216 Datasheet HTML 16Page - Analog Devices AD9216 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Technical Data
AD9216
Rev. PrD
Page 13 of 20
6/15/2004
EQUIVALENT CIRCUITS
Figure xx.
Equivalent Analog Input Circuit
Figure xx.
Equivalent Digital Output Circuit
Figure xx.
Equivalent Digital Input Circuit
THEORY OF OPERATION
The AD9216 consists of two high performance analog-to-
digital converters (ADCs) that are based on the AD9215
converter core. The dual ADC paths are independent, except for
a shared internal band gap reference source, VREF. Each of the
ADC’s paths consists of a proprietary front end sample-and-
hold amplifier (SHA) followed by a pipelined switched
capacitor ADC. The pipelined ADC is divided into three
sections, consisting of a 4-bit first stage followed by five 1.5-
bit stages and a final 3-bit fl ash. Each stage provides sufficient
overlap to correct for fl ash errors in the preceding stages. The
quantized outputs from each stage are combined through the
digital correction logic block into a final 10-bit result. The
pipelined architecture permits the first stage to operate on a
new input sample, while the remaining stages operate on
preceding samples. Sampling occurs on the rising edge of the
respective clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution fl ash ADC and a residual multiplier to drive the next
stage of the pipeline. The residual multiplier uses the fl ash
ADC output to control a switched capacitor digital-to-analog
converter (DAC) of the same resolution. The DAC output is
subtracted from the stage’s input signal and the residual is
amplified (multiplied) to drive the next pipeline stage. The
residual multiplier stage is also called a multiplying DAC
(MDAC). One bit of redundancy is used in each one of the
stages to facilitate digital correction of flash errors. The last
stage simply consists of a flash ADC.
The input stage contains a differential SHA that can be
configured as ac- or dc-coupled in differential or single-ended
modes. The output-staging block aligns the data, carries out the
error correction, and passes the data to the output buffers. The
output buffers are powered from a separate supply, allowing
adjustment of the output voltage swing.
ANALOG INPUT
The analog input to the AD9216 is a differential switched
capacitor, SHA, that has been designed for optimum
performance while processing a differential input signal. The
SHA input accepts inputs over a wide common-mode range. An
input common-mode voltage of mid supply is recommended to
maintain optimal performance.
The SHA input is a differential switched capacitor circuit. In
Figure 4, the clock signal alternatively switches the SHA
between sample mode and hold mode. When the SHA is
switched into sample mode, the signal source must be capable
of charging the sample capacitors and settling within one-half
of a clock cycle. A small resistor in series with each input can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com