Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21AI Datasheet(PDF) 39 Page - Texas Instruments

Part # TSB43AB21AI
Description  Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21AI Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSB43AB21AI Datasheet HTML 35Page - Texas Instruments TSB43AB21AI Datasheet HTML 36Page - Texas Instruments TSB43AB21AI Datasheet HTML 37Page - Texas Instruments TSB43AB21AI Datasheet HTML 38Page - Texas Instruments TSB43AB21AI Datasheet HTML 39Page - Texas Instruments TSB43AB21AI Datasheet HTML 40Page - Texas Instruments TSB43AB21AI Datasheet HTML 41Page - Texas Instruments TSB43AB21AI Datasheet HTML 42Page - Texas Instruments TSB43AB21AI Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
3–17
3.23 Miscellaneous Configuration Register
The miscellaneous configuration register provides miscellaneous PCI-related configuration. See Table 3–21 for a
complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Miscellaneous configuration
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Miscellaneous configuration
Type
R/W
R
R/W
R
R
R/W
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Miscellaneous configuration
Offset:
F0h
Type:
Read/Write, Read-Only
Default:
0000 0000h
Table 3–21. Miscellaneous Configuration Register
BIT
FIELD NAME
TYPE
DESCRIPTION
31–16
RSVD
R
Reserved. Bits 31–16 return 0s when read.
15
PME_D3COLD
R/W
PCI_PME support from D3cold. This bit programs bit 15 (PME_D3COLD) in the power
management capabilities register at offset 46h in the PCI configuration space (see Section 3.19,
Power Management Capabilities Register).
14–5
RSVD
R
Reserved. Bits 14–5 return 0s when read.
4
DIS_TGT_ABT
R/W
Bit 4 defaults to 0, which provides iOHCI-Lynx
 compatible target abort signaling. When this bit
is set to 1, it enables the no-target-abort mode, in which the TSB43AB21A device returns
indeterminate data instead of signaling target abort.
The TSB43AB21A LLC is divided into the PCI_CLK and SCLK domains. If software tries to access
registers in the link that are not active because the SCLK is disabled, a target abort is issued by
the link. On some systems, this can cause a problem resulting in a fatal system error. Enabling
this bit allows the link to respond to these types of requests by returning FFh.
It is recommended that this bit be set to 1.
3
GP2IIC
R/W
When bit 3 is set to 1, the GPIO3 and GPIO2 signals are internally routed to the SCL and SDA,
respectively. The GPIO3 and GPIO2 terminals are also placed in the high-impedance state.
2
DISABLE_SCLKGATE
R/W
When bit 2 is set to 1, the internal SCLK runs identically with the chip input. This is a test feature
only and must be cleared to 0 (all applications).
1
DISABLE_PCIGATE
R/W
When bit 1 is set to 1, the internal PCI clock runs identically with the chip input. This is a test feature
only and must be cleared to 0 (all applications).
0
KEEP_PCLK
R/W
When bit 0 is set to 1, the PCI clock is always kept running through the PCI_CLKRUN protocol.
When this bit is cleared, the PCI clock can be stopped using PCI_CLKRUN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com