Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21AI Datasheet(PDF) 63 Page - Texas Instruments

Part # TSB43AB21AI
Description  Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21AI Datasheet(HTML) 63 Page - Texas Instruments

Back Button TSB43AB21AI Datasheet HTML 59Page - Texas Instruments TSB43AB21AI Datasheet HTML 60Page - Texas Instruments TSB43AB21AI Datasheet HTML 61Page - Texas Instruments TSB43AB21AI Datasheet HTML 62Page - Texas Instruments TSB43AB21AI Datasheet HTML 63Page - Texas Instruments TSB43AB21AI Datasheet HTML 64Page - Texas Instruments TSB43AB21AI Datasheet HTML 65Page - Texas Instruments TSB43AB21AI Datasheet HTML 66Page - Texas Instruments TSB43AB21AI Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
4–21
Table 4–16. Interrupt Mask Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
21
cycle64Seconds
RSC
When this bit and bit 21 (cycle64Seconds) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this 64-second-cycle interrupt mask enables
interrupt generation.
20
cycleSynch
RSC
When this bit and bit 20 (cycleSynch) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this isochronous-cycle interrupt mask enables
interrupt generation.
19
phy
RSC
When this bit and bit 19 (phy) in the interrupt event register at OHCI offset 80h/84h (see Section 4.21,
Interrupt Event Register) are set to 1, this PHY-status-transfer interrupt mask enables interrupt
generation.
18
regAccessFail
RSC
When this bit and bit 18 (regAccessFail) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this register-access-failed interrupt mask enables
interrupt generation.
17
busReset
RSC
When this bit and bit 17 (busReset) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this bus-reset interrupt mask enables interrupt
generation.
16
selfIDcomplete
RSC
When this bit and bit 16 (selfIDcomplete) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this self-ID-complete interrupt mask enables
interrupt generation.
15
selfIDcomplete2
RSC
When this bit and bit 15 (selfIDcomplete2) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this second-self-ID-complete interrupt mask
enables interrupt generation.
14–10
RSVD
R
Reserved. Bits 14–10 return 0s when read.
9
lockRespErr
RSC
When this bit and bit 9 (lockRespErr) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this lock-response-error interrupt mask enables
interrupt generation.
8
postedWriteErr
RSC
When this bit and bit 8 (postedWriteErr) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this posted-write-error interrupt mask enables
interrupt generation.
7
isochRx
RSC
When this bit and bit 7 (isochRx) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this isochronous-receive-DMA interrupt mask
enables interrupt generation.
6
isochTx
RSC
When this bit and bit 6 (isochTx) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this isochronous-transmit-DMA interrupt mask
enables interrupt generation.
5
RSPkt
RSC
When this bit and bit 5 (RSPkt) in the interrupt event register at OHCI offset 80h/84h (see Section 4.21,
Interrupt Event Register) are set to 1, this receive-response-packet interrupt mask enables interrupt
generation.
4
RQPkt
RSC
When this bit and bit 4 (RQPkt) in the interrupt event register at OHCI offset 80h/84h (see Section 4.21,
Interrupt Event Register) are set to 1, this receive-request-packet interrupt mask enables interrupt
generation.
3
ARRS
RSC
When this bit and bit 3 (ARRS) in the interrupt event register at OHCI offset 80h/84h (see Section 4.21,
Interrupt Event Register) are set to 1, this asynchronous-receive-response-DMA interrupt mask
enables interrupt generation.
2
ARRQ
RSC
When this bit and bit 2 (ARRQ) in the interrupt event register at OHCI offset 80h/84h (see Section 4.21,
Interrupt Event Register) are set to 1, this asynchronous-receive-request-DMA interrupt mask enables
interrupt generation.
1
respTxComplete
RSC
When this bit and bit 1 (respTxComplete) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this response-transmit-complete interrupt mask
enables interrupt generation.
0
reqTxComplete
RSC
When this bit and bit 0 (reqTxComplete) in the interrupt event register at OHCI offset 80h/84h (see
Section 4.21, Interrupt Event Register) are set to 1, this request-transmit-complete interrupt mask
enables interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com