Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21AI Datasheet(PDF) 12 Page - Texas Instruments

Part # TSB43AB21AI
Description  Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21AI Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSB43AB21AI Datasheet HTML 8Page - Texas Instruments TSB43AB21AI Datasheet HTML 9Page - Texas Instruments TSB43AB21AI Datasheet HTML 10Page - Texas Instruments TSB43AB21AI Datasheet HTML 11Page - Texas Instruments TSB43AB21AI Datasheet HTML 12Page - Texas Instruments TSB43AB21AI Datasheet HTML 13Page - Texas Instruments TSB43AB21AI Datasheet HTML 14Page - Texas Instruments TSB43AB21AI Datasheet HTML 15Page - Texas Instruments TSB43AB21AI Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
1–4
•
Initial bandwidth available and initial channels available registers
•
PME support per 1394 Open Host Controller Interface Specification
1.3
Related Documents
•
1394 Open Host Controller Interface Specification (Release 1.1)
•
IEEE Standard for a High Performance Serial Bus (IEEE Std 1394-1995)
•
IEEE Standard for a High Performance Serial Bus—Amendment 1 (IEEE Std 1394a-2000)
•
PC Card Standard—Electrical Specification
•
PC 2001 Design Guide
•
PCI Bus Power Management Interface Specification (Revision 1.1)
•
PCI Local Bus Specification (Revision 2.2)
•
Mobile Power Guideline 2000
•
Serial Bus Protocol 2 (SBP-2)
•
IEC 61883-1:1998 Consumer Audio/Video Equipment Digital Interface Part 1: General
1.4
Trademarks
OHCI-Lynx and TI are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.
1.5
Ordering Information
ORDERING NUMBER
NAME
VOLTAGE
PACKAGE
TSB43AB21A
iOHCI-Lynx
3.3 V
PDT
TSB43AB21AI
iOHCI-Lynx (industrial temperature)
3.3 V
PDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com