Electronic Components Datasheet Search
  English  ▼

X  

TSB43AB21AI Datasheet(PDF) 21 Page - Texas Instruments

Part # TSB43AB21AI
Description  Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21AI Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB43AB21AI Datasheet HTML 17Page - Texas Instruments TSB43AB21AI Datasheet HTML 18Page - Texas Instruments TSB43AB21AI Datasheet HTML 19Page - Texas Instruments TSB43AB21AI Datasheet HTML 20Page - Texas Instruments TSB43AB21AI Datasheet HTML 21Page - Texas Instruments TSB43AB21AI Datasheet HTML 22Page - Texas Instruments TSB43AB21AI Datasheet HTML 23Page - Texas Instruments TSB43AB21AI Datasheet HTML 24Page - Texas Instruments TSB43AB21AI Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
2–9
Table 2–8. Power Supply Terminals
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
AGND
109–111, 117,
126–128
Supply
–
Analog circuit ground terminals. These terminals must be tied together to the low-impedance
circuit board ground plane.
AVDD
1, 2, 107, 108,
120
Supply
–
Analog circuit power terminals. A parallel combination of high frequency decoupling capacitors
near each terminal is suggested, such as 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are separated from PLLVDD and
DVDD internal to the device to provide noise isolation. They must be tied at a low-impedance
point on the circuit board.
DGND
17, 23, 33, 44,
55, 64, 68, 75,
83, 103
Supply
–
Digital circuit ground terminals. These terminals must be tied together to the low-impedance
circuit board ground plane.
DVDD
15, 27, 39, 51,
59, 72, 88,
100
Supply
–
Digital circuit power terminals. A parallel combination of high frequency decoupling capacitors
near each DVDD terminal is suggested, such as 0.1 µF and 0.001 µF. Lower frequency 10-µF
filtering capacitors are also recommended. These supply terminals are separated from PLLVDD
and AVDD internal to the device to provide noise isolation. They must be tied at a low-impedance
point on the circuit board.
PLLGND
8
Supply
–
PLL circuit ground terminal. This terminal must be tied to the low-impedance circuit board
ground plane.
PLLVDD
7
Supply
–
PLL circuit power terminal. A parallel combination of high frequency decoupling capacitors near
the terminal is suggested, such as 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. This supply terminal is separated from DVDD and AVDD
internal to the device to provide noise isolation. It must be tied to a low-impedance point on the
circuit board.
REG18
30, 93
Supply
–
REG18. 1.8-V power supply for the device core. If the internal voltage regulator is enabled
(REG_EN is tied low), these terminals must be left unconnected. The internal voltage regulator
provides 1.8 V from DVDD. When the internal regulator is disabled (REG_EN is high), the
REG18 terminals can be used to supply an external 1.8-V supply to the TSB43AB21A core. It
is recommended that 0.1-
µF bypass capacitors be used and placed close to these terminals.
VDDP
20, 35, 48, 62,
78
Supply
–
PCI signaling clamp voltage power input. PCI signals are clamped per the PCI Local Bus
Specification. In addition, if a 5-V ROM is used, the VDDP must be connected to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com