Electronic Components Datasheet Search
  English  ▼

X  

STW5095 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 49Page - STMicroelectronics STW5095 Datasheet HTML 50Page - STMicroelectronics STW5095 Datasheet HTML 51Page - STMicroelectronics STW5095 Datasheet HTML 52Page - STMicroelectronics STW5095 Datasheet HTML 53Page - STMicroelectronics STW5095 Datasheet HTML 54Page - STMicroelectronics STW5095 Datasheet HTML 55Page - STMicroelectronics STW5095 Datasheet HTML 56Page - STMicroelectronics STW5095 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
STw5095
9 Electrical Characteristics
53/69
9
Electrical Characteristics
Unless otherwise specified, VCCIO = 1.71 V to 2.7 V, Tamb = -30°C to 85°C; typical
characteristic are specified at VCCIO = 2.0 V, Tamb = 25°C; all signals are referenced to GND.
9.1
Digital interfaces
Note:
See Figure 12: A.C. testing input-output waveform on page 49.
9.2
AMCK with sinusoidal input
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Input low voltage
All digital inputs
DC
AC
0.3
•VCCIO
0.2
•VCCIO
V
V
VIH
Input high voltage
All digital inputs,
DC
AC
0.7
•VCCIO
0.8
•VCCIO
V
V
VOL
Output low voltage
All digital outputs
IL =10µA
IL =2µA
0.1
0.4
V
V
VOH
Output high voltage
All digital outputs
IL =10µA
IL =2µA
VCCIO-0.1
VCCIO-0.4
V
V
IIL
Input low current
Any digital input,
GND < VIN < VIL
-1
1
µA
IIH
Input high current
Any digital input,
VIH < VIN < VCCIO
-1
1
µA
IOZ
Output current in
high impedance
(Tristate)
Tristate outputs
-1
1
µA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CAMCK
Minimum External
Capacitance
AMCKSIN=1, see CR30
100
pF
VAMCK
AMCK sinusoidal voltage
swing
AMCKSIN=1, see CR30
0.5
VCCIO
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com