Electronic Components Datasheet Search
  English  ▼

X  

STW5095 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 11Page - STMicroelectronics STW5095 Datasheet HTML 12Page - STMicroelectronics STW5095 Datasheet HTML 13Page - STMicroelectronics STW5095 Datasheet HTML 14Page - STMicroelectronics STW5095 Datasheet HTML 15Page - STMicroelectronics STW5095 Datasheet HTML 16Page - STMicroelectronics STW5095 Datasheet HTML 17Page - STMicroelectronics STW5095 Datasheet HTML 18Page - STMicroelectronics STW5095 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
STw5095
3 Functional Description
15/69
delayed (SYNCP=0) and non delayed (SYNCP=1) formats.
DSP-Format is suited to interface with a Multi-Channel Serial Port.
●
SPI-Format (DAFORM or ADFORM =100) in this format Left and Right data is received
with separate data burst. Every burst is identified with a low level on SYNC signal (
Figure 9
on page 46). There is no timing difference between the Left and Right data burst: the two
channels are identified by the startup order: the first burst after AD path or DA path
power-up identifies the Left channel data, the second one is the Right channel data, then
Left and Right data repeat one after the other. CK must have 16 periods per channel in
case of 16 bit data word and 32 periods per channel in case of 18 bit to 32 bit data word.
The SPI interface can be configured as a single-channel (mono) interface with bit SPIM
(ADSPIM and DASPIM). The mono interface always exchanges the left channel sample.
SPI-Format can only be Slave: if Master Mode is selected the CK and SYNC pins are set
to 0. Bit CKP (ADCKP and DACKP) affects the interface format inverting the polarity of CK
pin.
●
PCM-Format (DAFORM or ADFORM =111): this format is monophonic, as it can only
receive (DA) and transmit (AD) single channel data (
Figure 9 on page 46). It is mainly
used when voice filters are selected. If audio filters are used then the same sample is sent
from DA-PCM interface to both channel of DA path, and the left channel sample from AD
path is sent to AD-PCM interface. If in the AD path the right channel has to be sent to the
PCM interface then the following must be set: ADRTOL=1 (CR27) and ENADCL=0 (CR1).
In Master Mode the number of CK periods per SYNC period is between 16 and 512 (see
DAPCMF in CR22 and ADPCMF in CR25,
Section 4.6 on page 32 for details). Bit CKP
(ADCKP and DACKP) affects the interface format inverting the polarity of CK pin. Bit
SYNCP (ADSYNCP and DASYNCP) switches between delayed (SYNCP=0) and non
delayed (SYNCP=1) formats.
3.8
Analog inputs
STw5095 has a stereo Microphone preamplifier and a stereo Line In amplifier, with inputs
selectable among 5: MIC (for Microphone preamplifier only), LINEIN (for Line In amplifier only)
and 3 different AUX inputs (for Microphone and Line In amplifiers). The AUX inputs can be used
simultaneously for Line In amplifiers and Microphone preamplifiers.
●
Microphone preamplifier: it has a very low noise input, specifically designed for low
amplitude signals. For this reason it has a high input gain (up to 39 dB) keeping a constant
50 k
Ω input impedance for the whole gain range. However it can also be used as a line in
preamplifier because it can accept a high dynamic input signal (up to 4 Vpp). There are two
separate gain and attenuation stages in order to improve the S/N ratio when the
preamplifier output range is below full scale (volume control).The gain and attenuation
controls are separate for left and right channel (CR3 and CR4 respectively). The
Preamplifier input is selected with bits MICSEL in CR18, and it is disconnected when
MICMUTE=1. If a single ended input is selected then the preamplifier uses the selected
pin as the positive input and connects the negative input (for both left and right channels)
to CAPMIC pin, which has to be connected through a capacitor to a low noise ground
(typically the same reference ground of the input).
The stereo Microphone preamplifier is powered up with bits ENMICL and ENMICR in CR1.
●
Line In amplifier: it is designed for high level input signal. The input gain is in the range
-20 dB up to 18 dB. The Line In amplifier input is selected with bits LINSEL in CR18, and it
is disconnected when LINMUTE=1. If a single ended input is selected then the amplifier
uses the selected pin as the positive input and connects the negative input (for both left
and right channels) to CAPLINEIN pin, which has to be connected through a capacitor to a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com