Electronic Components Datasheet Search
  English  ▼

X  

STW5095 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 61Page - STMicroelectronics STW5095 Datasheet HTML 62Page - STMicroelectronics STW5095 Datasheet HTML 63Page - STMicroelectronics STW5095 Datasheet HTML 64Page - STMicroelectronics STW5095 Datasheet HTML 65Page - STMicroelectronics STW5095 Datasheet HTML 66Page - STMicroelectronics STW5095 Datasheet HTML 67Page - STMicroelectronics STW5095 Datasheet HTML 68Page - STMicroelectronics STW5095 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
STw5095
18 Package Outline
67/69
18
Package Outline
Note: 1 The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or
metallized markings, or other feature of package body or integral heatslug. A distinguishing
feature is allowable on the bottom surface of the package to identify the terminal A1 corner.
Exact shape of each corner is optional.
Dimensions [mm]
OUTLINE AND
MECHANICAL DATA
Ref.
Min.
Typ.
Max.
A (1)
1.
The total profile height is measured from the seating plane to the top of the component.
1.010
1.200 (2)
2.
Max mounted height is 1.12mm.Based on a 0.28mm ball pad diameter. Solder paste is 0.15mm thickness and
0.28mm diameter.
A1
0.150
A2
0.820
b
0.250
0.300
0.350
D
4.850
5.000
5.150
D1
3.500
E
4.850
5.000
5.150
E1
3.500
e
0.450
0.500
0.550
f
0.600
0.750
0.900
TFBGA 5x5x1.20 64 F8x8 0.50
Thin Profile Fine Pitch Ball Grid Array
ddd
0.080
Figure 32. Package mechanical data
ddd
C
C
A1
A
A2
ef
D1
D
H
G
F
E
D
C
B
A
12345678
A1 CORNER INDEX AREA
Øb (64 BALLS)
PLANE
SEATING
BOTTOM VIEW
See
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com