Electronic Components Datasheet Search
  English  ▼

X  

STW5095 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 14Page - STMicroelectronics STW5095 Datasheet HTML 15Page - STMicroelectronics STW5095 Datasheet HTML 16Page - STMicroelectronics STW5095 Datasheet HTML 17Page - STMicroelectronics STW5095 Datasheet HTML 18Page - STMicroelectronics STW5095 Datasheet HTML 19Page - STMicroelectronics STW5095 Datasheet HTML 20Page - STMicroelectronics STW5095 Datasheet HTML 21Page - STMicroelectronics STW5095 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
3 Functional Description
STw5095
18/69
In Analog Mode STw5095 can handle two different stereo audio signals, so it can be used as a
front end for an external voice codec that does not include microphone preamplifiers and power
drivers: mic signal is sent through Microphone preamplifiers directly to line out drivers (Transmit
path), while Receive signal is sent through Line In amplifiers to the selected power drivers.
3.14
Automatic Gain Control (AGC)
STw5095 provides a digital Automatic Gain Control in AD path. The circuit can control the input
gain at MIC preamplifier, Line In amplifier or both (bits ENAGCMIC and ENAGCLIN in CR35).
When one input is selected, the center gain value used for the input is fixed with bits MICLG,
MICRG, LINLG and LINRG in CR3 to CR6 (like in normal operation), then the AGC circuit adds
to all the gains a value in the range -10.5 dB to +10.5 dB (or, extended with bit AGCRANGE in
CR35, -21 dB to 21 dB), in order to obtain an average level at the digital interface output in the
range -6 dB to -30 dB (selected with bits AGCLEV in CR35). The AGC added gain acts directly
in the input gain, to avoid input saturation and improve S/N ratio, so it cannot exceed the input
gain range. When MIC and Line-In inputs are selected simultaneously the control is performed
on the sum of the two, preserving the balance fixed with input gains. Different values for Attack
and Decay constants can be selected, depending on the kind of signal the AGC has to control
(i.e. voice, music). The Attack and Decay time constants are related to the AD data rate (see
bits AGCATT and AGCDEL in CR34).
3.15
Interrupt request: IRQ pin
STw5095 interrupt request feature can signal to a control device the occurrence of particular
events. Two control registers are used to choose the behavior of IRQ pin: the first is a Status/
Event Register (CR32), where bits can represent the status of an internal function (i.e. a
voltage is above or below a threshold) or an event (i.e. a voltage changed crossing a threshold);
the second is a Mask Register (CR31) where if a bit in the mask is set to 1 then the
corresponding bit in the Status/Event Register can affect IRQ pin status.
The IRQ pin is always active low. At VCC power up an interrupt request is generated by the
Power-On-Reset circuit that sets to 1 bits PORMSK in CR31 and POREV in CR32. After this
event the PORMSK bit should be cleared by the user and bit IRQCMOS in CR33 should be set
according to the application (open drain or CMOS).
When an IRQ event occurs and SPI control interface is selected with no serial output pin it is
still possible to identify the event (and relative status) that generated the interrupt request. This
can be done by setting the IRQ mask/enable bits (in CR31) one at the time (with successive
writings) and reading the IRQ pin status. A simple example of this is the headset plug-in
detection: at first we set bit HSDETMSK=1 in CR31 (with all the other bits set to 0). If there is an
interrupt request then we set HSDETMSK=0 and HSDETEN=1, so we can read the HSDET
status at IRQ pin. Then we read CR32 to clear its content (even if no data is sent out).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com