Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17021
Description  High Speed, Accuracy, and Efficiency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17021 Datasheet HTML 4Page - Maxim Integrated Products MAX17021 Datasheet HTML 5Page - Maxim Integrated Products MAX17021 Datasheet HTML 6Page - Maxim Integrated Products MAX17021 Datasheet HTML 7Page - Maxim Integrated Products MAX17021 Datasheet HTML 8Page - Maxim Integrated Products MAX17021 Datasheet HTML 9Page - Maxim Integrated Products MAX17021 Datasheet HTML 10Page - Maxim Integrated Products MAX17021 Datasheet HTML 11Page - Maxim Integrated Products MAX17021 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MAX17021 Evaluation Kit
8
_______________________________________________________________________________________
Table 6. PGDIN
SW2 (4, 7)
PGDIN PIN
MAX17021 OUTPUT
Off
Connected to GND
VOUT remains at the boot voltage.
CLKEN remains high, and PWRGD
remains low.
On*
Connected to VDD
VOUT transitions to selected VID voltage, and
CLKEN is pulled low.
down), the protection circuitry sets the fault latch to
prevent the controller from restarting. To clear the fault
latch and reactivate the MAX17021, toggle SHDN or
cycle VDD power.
DPRSLPVR SW2 (2, 9),
PSI SW2 (3, 8)
DPRSLPVR and PSI together determine the operating
mode, as shown in Table 4. The MAX17021 will be
forced into full-phase pulse-skipping mode during start-
up and while in boot mode, and forced into full-phase
PWM mode during the transition from boot mode to VID
mode and during soft-shutdown.
DPRSTP, SW2 (5, 6)
This 1V logic input signal together with the DPRSLPVR
signal selects between the nominal and “slow” (quarter
of nominal rate) slew rates. When DPRSTP and
DPRSLPVR are forced high, the slew rate is reduced to
a quarter of the nominal slew rate.
PGDIN, SW2 (4, 7)
PGDIN indicates the power status of other system rails
and is used for power-supply sequencing. After power-
up to the boot voltage, the output voltage remains at
VBOOT, CLKEN remains high, and PWRGD remains low
as long as the PGDIN stays low. When PGDIN is pulled
high, the output transitions to selected VID voltage, and
CLKEN is pulled low. If the system pulls PGDIN low
during normal operation, the MAX17021 immediately
drives CLKEN high, pulls PWRGD low, and slews the
output to the boot voltage (using 2-phase pulse-skip-
ping mode). The controller remains at the boot voltage
until PGDIN goes high again, SHDN is toggled, or the
VDD is cycled.
*
Default position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com