Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17021
Description  High Speed, Accuracy, and Efficiency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17021 Datasheet HTML 1Page - Maxim Integrated Products MAX17021 Datasheet HTML 2Page - Maxim Integrated Products MAX17021 Datasheet HTML 3Page - Maxim Integrated Products MAX17021 Datasheet HTML 4Page - Maxim Integrated Products MAX17021 Datasheet HTML 5Page - Maxim Integrated Products MAX17021 Datasheet HTML 6Page - Maxim Integrated Products MAX17021 Datasheet HTML 7Page - Maxim Integrated Products MAX17021 Datasheet HTML 8Page - Maxim Integrated Products MAX17021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MAX17021 Evaluation Kit
_______________________________________________________________________________________
3
Quick Start
Recommended Equipment
•
MAX17021 EV kit
•
7V to 24V, > 100W power supply, battery, or note-
book AC adapter
•
DC bias power supply, 5V at 1A
•
Dummy load capable of sinking 60A
•
Digital multimeters (DMMs)
•
100MHz dual-trace oscilloscope
Procedure
The MAX17021 EV kit is fully assembled and tested.
Follow the steps below to verify board operation:
1) Ensure that the circuit is connected correctly to the
supplies and dummy load prior to applying any power.
2) Verify that all positions of switch SW2 are off. The DAC
code settings (D6–D0) are set by switch SW1. Set
SW1 (1, 14), SW1 (2, 13), SW1 (4, 11), SW1 (5, 10),
and SW1 (7, 8) to the on positions. The output voltage
is set for 1.050V.
3) Turn on the battery power before turning on the 5V
bias power.
4) Observe the 1.050V output voltage with the DMM
and/or oscilloscope. Look at the LX switching nodes
and MOSFET gate-drive signals while varying the
load current.
Detailed Description of Hardware
This 60A peak multiphase buck-regulator design is
optimized for a 300kHz switching frequency (per
phase) and output-voltage settings around 1V. At VOUT
= 1V and VIN = 12V, the inductor ripple is approximate-
ly 35% (LIR = 0.35). The MAX17021 controller inter-
leaves all the active phases, resulting in out-of-phase
operation that minimizes the input and output filtering
requirements. The multiphase controller shares the cur-
rent between two phases that operate 180
° out-of-
phase, supplying up to 30A per phase.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
R27, R28, R29,
R31, R32,
R36–R42
12
100k
±5% resistors (0603)
R45, R46
2
2
±5% resistors (0603)
SW1
1
7-position low-profile DIP switch
SW2
1
5-position low-profile DIP switch
DESIGNATION
QTY
DESCRIPTION
U1
1
Dual-phase, Quick-PWM VID
controller (40 TQFN-EP*)
Maxim MAX17021GTL+
U2
1
CPU socket MPGA479
—
1
PCB: MAX17021 Evaluation Kit+
Component Suppliers
*
EP = Exposed pad.
Note: Indicate that you are using the MAX17021 when contacting these component suppliers.
SUPPLIER
PHONE
WEBSITE
AVX Corporation
843-946-0238
www.avxcorp.com
Central Semiconductor Corp.
631-435-1110
www.centralsemi.com
Digi-Key Corp.
800-344-4539
www.digikey.com
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
KEMET Corp.
864-963-6300
www.kemet.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
NEC TOKIN America, Inc.
408-324-1790
www.nec-tokinamerica.com
Nihon Inter Electronics Corp.
847-843-7500
www.niec.co.jp
Panasonic Corp.
800-344-2112
www.panasonic.com
Taiyo Yuden
800-348-2496
www.t-yuden.com
TDK Corp.
847-803-6100
www.component.tdk.com
TOKO America, Inc.
847-297-0070
www.tokoam.com
Vishay
402-563-6866
www.vishay.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com