Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17021
Description  High Speed, Accuracy, and Efficiency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17021 Datasheet HTML 1Page - Maxim Integrated Products MAX17021 Datasheet HTML 2Page - Maxim Integrated Products MAX17021 Datasheet HTML 3Page - Maxim Integrated Products MAX17021 Datasheet HTML 4Page - Maxim Integrated Products MAX17021 Datasheet HTML 5Page - Maxim Integrated Products MAX17021 Datasheet HTML 6Page - Maxim Integrated Products MAX17021 Datasheet HTML 7Page - Maxim Integrated Products MAX17021 Datasheet HTML 8Page - Maxim Integrated Products MAX17021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX17021 evaluation kit (EV kit) demonstrates the
high-power, dynamically adjustable, multiphase
IMVP-6.5+ notebook CPU application circuit. This
DC-DC converter steps down high-voltage batteries
and/or AC adapters, generating a precision, low-volt-
age CPU core VCC rail. The MAX17021 EV kit meets the
Intel mobile IMVP-6+ CPU’s transient voltage specifica-
tion, power-good signaling, voltage regulator thermal
monitoring (VRHOT), and power-good output
(PWRGD). The MAX17021 kit consists of the MAX17021
2-phase interleaved Quick-PWM™ step-down con-
troller. The MAX17021 kit includes active voltage posi-
tioning with adjustable gain, reducing power dissipation
and bulk output capacitance requirements. A slew-rate
controller allows controlled transitions between VID
codes, controlled soft-start and shutdown, and con-
trolled exit suspend voltage. Precision slew-rate control
provides “just-in-time” arrival at the new DAC setting,
minimizing surge currents to and from the battery.
Two dedicated system inputs (PSI and DPRSLPVR)
dynamically select the operating mode and number of
active phases, optimizing the overall efficiency during
the CPU’s active and sleep states.
The MAX17021 includes latched output undervoltage-
fault protection, overvoltage-fault protection, and ther-
mal-overload protection. It also includes a voltage regu-
lator power-good (PWRGD) output, a clock enable
(CLKEN) output, and a phase-good (PHASEGD) output.
This fully assembled and tested circuit board provides
a digitally adjustable 0 to 1.5000V output voltage (7-bit
on-board DAC) from a 7V to 24V battery input range.
Each phase is designed for a 20A thermal design cur-
rent, and delivers up to 30A peak output current for a
total of 60A. The EV kit operates at 300kHz switching
frequency (per phase) and has superior line- and load-
transient response.
Features
o Dual-Phase, Fast-Response Interleaved,
Quick-PWM
o Intel IMVP-6+ Code-Set Compliant
(Montevina Socket Configuration)
o Dynamic Phase Selection Optimizes
Active/Sleep Efficiency
o Transient Phase Overlap Reduces Output
Capacitance
o Active Voltage Positioning with Adjustable Gain
o High Speed, Accuracy, and Efficiency
o Low-Bulk Output Capacitor Count
o 7V to 24V Input-Voltage Range
o 0 to 1.5000V Output-Voltage Range (7-Bit DAC)
o 60A Peak Load-Current Capability (30A Each Phase)
o Accurate Current Balance and Current Limit
o 300kHz Switching Frequency (per Phase)
o Power-Good (PWRGD) and Phase-Good
(PHASEGD) Outputs and Indicators
o Clock Enable (CLKEN) and Thermal Fault (VRHOT)
Outputs and Indicators
o Output Overvoltage and Undervoltage Fault
Protections
o 40-Pin Thin QFN Package with Exposed Pad
o Lead(Pb)-Free and RoHS Compliant
o Fully Assembled and Tested
MAX17021 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-4511; Rev 0; 3/09
Component List
For information on other Maxim products, visit Maxim’s website at www.maxim-ic.com.
Ordering Information
DESIGNATION
QTY
DESCRIPTION
CLKEN,
DPRSLPVR,
GND_SENSE,
PGDIN,
PHASEGD,
PSI,
PWRGD, V3P3,
VOUT_SENSE,
VRHOT, VR_ON
11
Test points
DESIGNATION
QTY
DESCRIPTION
C1–C4
4
10µF ±20%, 25V X5R ceramic
capacitors (1210)
Murata GRM32DR61E106KA12L
TDK C3225X7R1E106M
AVX 12103D106M
Taiyo Yuden TMK325BJ106MM
KEMET C1210C106M3RAC
PART
TYPE
MAX17021EVKIT+
EV Kit
Quick-PWM is a trademark of Maxim Integrated Products, Inc.
+
Denotes lead(Pb)-free and RoHS compliant.


Similar Part No. - MAX17021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17021GTL+ MAXIM-MAX17021GTL+ Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
More results

Similar Description - MAX17021

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8010-H TOSHIBA-TPCA8010-H Datasheet
41Kb / 4P
High Speed and High Efficiency DC-DC Converters
02-Mar-2004
TPCA8009-H TOSHIBA-TPCA8009-H Datasheet
105Kb / 4P
High Speed and High Efficiency DC-DC Converters
logo
Richtek Technology Corp...
RT6010 RICHTEK-RT6010 Datasheet
211Kb / 13P
Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
logo
Diodes Incorporated
AL1677 DIODES-AL1677 Datasheet
539Kb / 13P
UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
Rev 1
logo
Vincotech
10-FZ06NRA069FP02-P967F68 VINCOTECH-10-FZ06NRA069FP02-P967F68 Datasheet
1Mb / 7P
Parallel switch for high speed and efficiency
10-FZ06NRA084FP02-P969F68 VINCOTECH-10-FZ06NRA084FP02-P969F68 Datasheet
1Mb / 7P
Parallel switch for high speed and efficiency
logo
Allegro MicroSystems
A1698 ALLEGRO-A1698 Datasheet
573Kb / 13P
Two-Wire, True Zero-Speed, High Accuracy
logo
Keysight Technologies
3458A KEYSIGHT-3458A Datasheet
2Mb / 27P
Shattering performance barriers of speed and accuracy
logo
TOKYO SEIMITSU CO., LTD
XYZAXAXCEL ACCRETECH-XYZAXAXCEL Datasheet
778Kb / 2P
High speed, high accuracy and high resistance to environment
logo
Allegro MicroSystems
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
High Accuracy GMR Wheel Speed and Direction Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com