Electronic Components Datasheet Search
  English  ▼

X  

MAX17021 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17021
Description  High Speed, Accuracy, and Efficiency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17021 Datasheet HTML 1Page - Maxim Integrated Products MAX17021 Datasheet HTML 2Page - Maxim Integrated Products MAX17021 Datasheet HTML 3Page - Maxim Integrated Products MAX17021 Datasheet HTML 4Page - Maxim Integrated Products MAX17021 Datasheet HTML 5Page - Maxim Integrated Products MAX17021 Datasheet HTML 6Page - Maxim Integrated Products MAX17021 Datasheet HTML 7Page - Maxim Integrated Products MAX17021 Datasheet HTML 8Page - Maxim Integrated Products MAX17021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MAX17021 Evaluation Kit
2
_______________________________________________________________________________________
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
C5–C8
4
330µF, 2V, 4.5m
low-ESR polymer
capacitors (D case)
Panasonic EEFSX0D331E4 or
NEC TOKIN PSGV0E337M4.5
KEMET T520V337M2R5ATE4R5
C9
0
Not installed, ceramic capacitor
(0805)
C10, C11
2
1µF ±10%, 16V X5R ceramic
capacitors (0603)
TDK C1608X5R1C105K
Taiyo Yuden EMK107BJ683MA
Murata GRM188R61C105K
C12, C20–C27
0
Not installed, ceramic capacitors
(0603)
C12, C20–C26 are open; C27 is
short (PC trace)
C13–C16, C28,
C29
6
0.22µF ±20%, 10V X7R ceramic
capacitors (0603)
Murata GRM188R71A224K
Taiyo Yuden LMK107BJ224MA
TDK C1608X7R1C224M
AVX 06033D224KAT
C17, C18, C19
3
1000pF ±10%, 50V X7R ceramic
capacitors (0603)
TDK C1608X7R1H102K or
Murata GRM188R71H102K or
equivalent
C30–C39,
C62–C65
14
10µF ±20%, 6.3V X5R ceramic
capacitors (0805)
TDK C2012X5R0J106M or
Taiyo Yuden AMK212BJ106MG
AVX 08056D106MAT
C40–C49
10
22µF, 6.3V X5R ceramic capacitors
(0805)
TDK C2012X5R0J226MT
Taiyo Yuden JMK212BJ226MG
D1, D2
2
3A, 30V Schottky diodes
Nihon EC31QS03L
Central Semi CMSH3-40M
D3–D6
4
LEDs, green clear SMD (0805)
LITE-ON Electronics LTST-C170GKT
Digi-Key 160-1179-1-ND
JU1
0
Not installed, 3-pin header
DESIGNATION
QTY
DESCRIPTION
L1, L2
2
0.36µH, 36A, 0.82m
power
inductors
Panasonic ETQP4LR36ZFJ
NEC TOKIN MPC1055LR36
TOKO FDUE1040D-R36M
N1, N2
2
n-channel MOSFETs (PowerPAK 8 SO)
Fairchild FDS6298 (8 SO)
Vishay (Siliconix) SI4386DY
N3–N6
4
n-channel MOSFETs (PowerPAK 8 SO)
Fairchild FDS8670 (8 SO)
Vishay (Siliconix) SI4626ADY
N7
0
Not installed, n-channel MOSFET
(D-PAK)
N8, N9
0
Not installed, n-channel MOSFETs
(PowerPAK 8 SO)
R1, R15, R16,
R43, R44
5
10
±5% resistors (0603)
R2
1
59k
±1% resistor (0603)
R3
1
12.1k
±1% resistor (0603)
R4
1
200k
±1% resistor (0603)
R5, R6
2
0
resistors (0603)
R7, R11
2
1.21k
±1% resistors (0603)
R8, R12
2
1.50k
±1% resistors (0603)
R9, R13
2
20k
±1% resistors (0603)
R10, R14
2
10k
±1% NTC thermistors,
ß = 3380 (0603)
Murata NCP18XH103F03RB
TDK NTCG163JH103F
R17
1
4.32k
±1% resistor (0603)
R18, R24, R33,
R34, R35,
0
Not installed, resistors (0603)
R18, R24, and R33 are open; R34
and R35 are short (PC trace)
R19
1
51
±5% resistor (0603)
R20
0
Not installed, 1W resistor (2512)
R21, R22, R23,
R30
4
1k
±5% resistors (0603)
R25
1
13k
±1% resistor (0603)
R26
1
100k
±5% NTC thermistor,
ß = 4250 (0603)
Murata NCP18WF104J03RB
TDK NTCG163JF104J (0402) or
Panasonic ERT-J1VR104J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com