Electronic Components Datasheet Search
  English  ▼

X  

PFC375 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # PFC375
Description  Greater than 1 million hours demonstrated MTBF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC375 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  PFC375 Datasheet HTML 1Page - Bel Fuse Inc. PFC375 Datasheet HTML 2Page - Bel Fuse Inc. PFC375 Datasheet HTML 3Page - Bel Fuse Inc. PFC375 Datasheet HTML 4Page - Bel Fuse Inc. PFC375 Datasheet HTML 5Page - Bel Fuse Inc. PFC375 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PFC375 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00594_AC
NOTES:
1
Output currents ratings are expressed with 300 LFM forced air.
2
Maximum peak-to-peak noise expressed as a percentage of output voltage, 20 MHz bandwidth.
3
Peak loads up to 450 Watts for 60 seconds or less are acceptable, (10% duty cycle max.).
Peak power must not exceed 450 Watts.
4
V4 can be adjusted to 16 V with a minimum load of 5 A on V1.
5
For operation of V4 greater than 24 V, consult factory.
6
V3 and V4 may be series connected to obtain 48 V.
7
Models without suffix G use the lead solder exemption
Ooo Model numbers highlighted in yellow are not recommended for new designs or EOL
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Continuous input range.
85
264
VAC
Input Frequency
AC Input.
47
63
Hz
Brown Out Protection
Lowest AC input voltage that regulation is maintained with full rated
loads.
85
VAC
Hold-Up Time
Over full AC input voltage range at full rated load.
20
ms
Input Current
85 VAC at full rated load.
6
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse, F10A,
250V.
Inrush Surge Current
Internally limited by thermistor, one cycle, 25°C.
110 VAC
220 VAC
35
65
APK
Power Factor
Per EN61000-3-2.
0.98
W/VA
Operating Frequency
Switching frequency of main transformer.
100
kHz
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full rated load, 110 VAC. Varies with distribution of loads among
outputs.
68
%
Minimum Loads
Single output models.
Multiple output models, 5V main output only.
Multiple output models, 24V main output only.
0
3.5
1
Amps
Ripple and Noise
Full load, 20MHz bandwidth.
See Model Selection Charts
Output Power
300 LFM forced air cooling required for operation. See optional fan.
Continuous power, multiple output models.
Peak power, all models.
375
450
Watts
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on.
0
V
Regulation
Varies by output. Total regulation includes: line changes from 85-
132 VAC or 170-264 VAC, changes in load starting at 20% load
and changing to 100% load.
See Model Selection Charts
Transient Response
Recovery time, to within 1% of initial set point due to a 50-100%
load change, 3% max. deviation. (Main output only on multi-output
units).
1
ms
Turn-On Delay
Time required for initial output voltage stabilization.
1
Sec
Turn-On Rise Time
Time required for output voltage to rise from 10% to 90%.
10
ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com