Electronic Components Datasheet Search
  English  ▼

X  

PFC375 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # PFC375
Description  Greater than 1 million hours demonstrated MTBF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC375 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  PFC375 Datasheet HTML 1Page - Bel Fuse Inc. PFC375 Datasheet HTML 2Page - Bel Fuse Inc. PFC375 Datasheet HTML 3Page - Bel Fuse Inc. PFC375 Datasheet HTML 4Page - Bel Fuse Inc. PFC375 Datasheet HTML 5Page - Bel Fuse Inc. PFC375 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The PFC375 products of the PerFormanCe Power Series incorporate
high performance midrange power, active Power Factor Correction
(PFC), and high reliability to meet varied commercial and industrial
requirements.
Providing tightly-regulated DC power in a wide variety of single and
multiple output configurations, the PFC375 is designed to provide full
output power with only 300 Linear Feet per Minute (LFM) forced-air
cooling (factory installed fan optional). Other features include remote
sense, power fail, logic level inhibit, and DC power good. Main channel
current sharing is provided for redundant applications. The PFC375 is
available with SAE mountings or optional metric mountings.
The PFC375 product line is approved to the latest international
regulatory standards and displays the CE Mark.
•
RoHS Compliant
•
Greater than 1 million hours demonstrated MTBF
•
Power Factor Correction (PFC) meets EN61000-3-2
•
Fully-regulated outputs
•
Main output remote sense
•
Current Share, Power Fail, and Power Good signals
•
Overtemperature, overvoltage, and overcurrent protected
•
Available with metric and SAE mountings
•
Input transient & ESD compliance to EN61000-4-2/-3/-4/-5
•
Fan output voltage and optional fan


Similar Part No. - PFC375

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC375 POWER-ONE-PFC375 Datasheet
220Kb / 4P
PerFormanCe POWER
PFC375-1012 POWER-ONE-PFC375-1012 Datasheet
220Kb / 4P
PerFormanCe POWER
PFC375-1015 POWER-ONE-PFC375-1015 Datasheet
220Kb / 4P
PerFormanCe POWER
PFC375-1024 POWER-ONE-PFC375-1024 Datasheet
220Kb / 4P
PerFormanCe POWER
PFC375-1028 POWER-ONE-PFC375-1028 Datasheet
220Kb / 4P
PerFormanCe POWER
More results

Similar Description - PFC375

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
BXB50 EMERSON-NETWORKPOWER-BXB50 Datasheet
242Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
BXB75 EMERSON-NETWORKPOWER-BXB75 Datasheet
240Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
BXB150 EMERSON-NETWORKPOWER-BXB150 Datasheet
296Kb / 4P
Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
logo
RFE international
RM10R-0R02-J RFE-RM10R-0R02-J Datasheet
74Kb / 1P
SURFACE MOUNT RM Series: Less Than 1 ohm & Greater than 10 Meg ohms RESISTORS
logo
List of Unclassifed Man...
ISC01P ETC2-ISC01P Datasheet
1Mb / 6P
Exceptional contrast: 50 times greater than LCD products
logo
Pasternack Enterprises,...
PE3CA1031-60CM PASTERNACK-PE3CA1031-60CM Datasheet
482Kb / 6P
Excellent Return loss Greater than 28 dB
logo
ZETTLER Electronics
AZSR180 ZETTLER-AZSR180 Datasheet
55Kb / 2P
Isolation spacing greater than 10 mm
logo
Maxim Integrated Produc...
MAX17122EVKIT MAXIM-MAX17122EVKIT Datasheet
628Kb / 7P
Greater than 94% Efficiency (Step-Up Switching Regulator)
Rev 0; 12/09
logo
Bel Fuse Inc.
PFC250 BEL-PFC250 Datasheet
659Kb / 6P
Greater than 1 million hours demonstrated MTBF
logo
Maxim Integrated Produc...
MAX9788EVKIT MAXIM-MAX9788EVKIT Datasheet
109Kb / 4P
Delivers Greater than 14VP-P into a Ceramic Speaker
Rev 2; 8/07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com