Electronic Components Datasheet Search
  English  ▼

X  

PFC375 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # PFC375
Description  Greater than 1 million hours demonstrated MTBF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC375 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  PFC375 Datasheet HTML 1Page - Bel Fuse Inc. PFC375 Datasheet HTML 2Page - Bel Fuse Inc. PFC375 Datasheet HTML 3Page - Bel Fuse Inc. PFC375 Datasheet HTML 4Page - Bel Fuse Inc. PFC375 Datasheet HTML 5Page - Bel Fuse Inc. PFC375 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PFC375 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00594_AC
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
Non-Operating.
10k
40k
ASL Ft.
Operating Temperature
Derate linearly above 50°C by 2.5% per °C.
At 100% load:
At 50% load:
0
0
50
70
°C
Storage Temperature
-55
85
°C
Forced Air Cooling
Forced air cooling of 300 LFM is required if the internal fan
option is not specified. Cooling air velocity is measured 1/4"
above, at the middle of the chassis. Airflow direction is from the
input section to the output section.
Temperature Coefficient
0°C to 70°C (after 15 minute warmup).
± 0.02
± 0.05
%/°C
Relative Humidity
Non-Condensing.
5
95
%RH
Shock
Operating: 10±3mS, 3 axis, Halfsine. 20 G
Non-operating: 10±3mS, 3 axis, Halfsine.
20
40
G
Vibration
Operating: 5-32 Hz
32-2000 Hz Sinusoidal
Non-operating:
0.02
1
6.15
in (DA)
GRMS
GRMS
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Dimensions
Overall Size
228.6 x 127.0 x 63.5
9.00 x 5.00 x 2.50
mm
in
Overall Length With Fan
266.7
10.50
mm
in
Weight
1.95
4.3
kg
lb
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Metric Mounting
Add “M” as a suffix to the model number to order chassis with
M4 x 0.7 mounting inserts.
228.6 x 127.0 x 63.5
9.00 x 5.00 x 2.50
mm
in
Fan
Add “F” as a suffix to the model number to order integral fan.
(Provides required 300 LFM of forced air cooling).
266.7 x 127.0 x 63.5
10.50 x 5.00 x 2.50
mm
in
6-32 Screw Terminal on 0.375" (9.5mm) Centers
Bus Bar Main Output, E1 & E2, 10-32 Screw Terminal
Chassis: 0.090" (2.3mm) Aluminum Alloy, With Clear Finish
TERMINAL BLOCKS have 6-32 (PHILSLOT) screw connections on 0.375" (9.53mm) centers; open space clearance for connections is
0.31" (7.87mm).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com