Electronic Components Datasheet Search
  English  ▼

X  

PFC375 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # PFC375
Description  Greater than 1 million hours demonstrated MTBF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC375 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  PFC375 Datasheet HTML 1Page - Bel Fuse Inc. PFC375 Datasheet HTML 2Page - Bel Fuse Inc. PFC375 Datasheet HTML 3Page - Bel Fuse Inc. PFC375 Datasheet HTML 4Page - Bel Fuse Inc. PFC375 Datasheet HTML 5Page - Bel Fuse Inc. PFC375 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PFC375 Series
tech.support@psbel.com
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
Provided on single output units and the main output only of multiple
output units.
PFC375-30XXG, PFC375-40XXG, PFC375-45XXG
PFC375-1012G
PFC375-1015G
PFC375-1024G
PFC375-1028G
PFC375-1048G
PFC375-42XXG
6.0
13.5
17.0
27.0
30.8
60.0
27.0
6.4
15.5
19.5
30.7
35.0
70.0
30.7
V
Overload Protection
Fully protected against output overload and short circuit. Automatic
recovery upon removal of overload condition.
Overtemperature
Protection
System shutdown due to excessive internal temperature, automatic reset.
Remote Sense
Total voltage compensation for cable losses with respect to the main
output.
250
mV
Current Share
Accuracy of shared current with up to 6 parallel units.
10
%
Inhibit
TTL compatible logic signal will inhibit outputs by the application
of a logic low signal. An open circuit or external TTL high signal
allows normal operation.
Input Power
Fail Warning
TTL compatible logic signal. Time before regulation dropout due to
5 loss of input power at 110 VAC.
5
ms
Power Good
TTL compatible signal. Signal is low if main output is greater or less than
10% of nominal.
Fan Voltage
Provides 170 mA current to user-supplied fan, if fan option is not
selected.
12
V
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Agency Approvals
Approved to the latest edition of the following standards.
UL/CSA60950-1, EN60950-1 and IEC60950-1
Approved
Dielectric Withstand
Voltage
Input to Output per EN60950.
2600
VDC
Electromagnetic
Interference
FCC CFR title 47 Part 15 Sub-Part B - Conducted.
EN55022 / CISPR 22 Conducted.
B
B
Class
ESD Susceptibility
Per EN61000-4-2, level 4.
8
kV
Radiated Susceptibility
Per EN61000-4-3, level 3.
10
V/M
EFT/Burst
Per EN61000-4-4, level 4.
± 4
kV
Input Transient Protection
Per EN61000-4-5 level 3.
Line-to-Line
Line-to-Ground
1
2
kV
Insulation Resistance
Input-to-Output.
10
M
Ω
Leakage Current
Per EN60950, 264 VAC.
2.0
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com