Electronic Components Datasheet Search
  English  ▼

X  

PFC500 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # PFC500
Description  Power Factor Correction meets EN61000-3-2 (AC input versions)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC500 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  PFC500 Datasheet HTML 1Page - Bel Fuse Inc. PFC500 Datasheet HTML 2Page - Bel Fuse Inc. PFC500 Datasheet HTML 3Page - Bel Fuse Inc. PFC500 Datasheet HTML 4Page - Bel Fuse Inc. PFC500 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
tech.support@psbel.com
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
PFC500-1024G
PFC500-1028G
PFC500-1048G
27.0
32.0
60.0
30.7
35.0
70.0
V
Overload Protection
Fully protected against output overload and short circuit. Automatic
recovery upon removal of overload condition.
Overtemperature Protection
System shutdown due to excessive internal temperature, automatic reset.
Remote Sense
Total voltage compensation for cable losses with respect to the main
output.
250
mV
Current Share
Accuracy of shared current with up to 6 parallel units.
10
%
Inhibit
TTL compatible logic signal will inhibit outputs by the application of a logic
low signal. An open circuit or external TTL high signal allows normal
operation.
Input Power
Fail Warning
TTL compatible logic signal. Time before regulation dropout due to loss of
input power at 110 VAC.
4
ms
Power Good
TTL compatible signal. Signal is low if main output is
greater or less than 10% of nominal. For models without
the “D” option, internal pull-up resistor is 1k> For “D”
option, pull-up resistor is 475. See Apps Note #P1 for
details.
PFC500-1024G
PFC500-1028G
PFC500-1048G
22.08
25.20
44.20
27.36
30.80
54.72
V
Fan Voltage
Provides 170 mA current to user supplied fan if fan option is not
selected.
12
V
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Agency Approvals
Approved to the latest edition of the following standards.
UL/CSA60950-1, EN60950-1 and IEC60950-1
Approved
Dielectric Withstand
Meets reinforced insulation of IEC60950.
Electromagnetic Interference
FCC CFR title 47 Part 15 Sub-Part B - Conducted.
EN55022 / CISPR 22 Conducted.
B
B
Class
ESD Susceptibility
Per EN61000-4-2, level 4.
8
kV
Radiated Susceptibility
Per EN61000-4-3, level 3.
10
V/M
EFT/Burst
Per EN61000-4-4, level 4.
±4
kV
Input Transient Protection
Per EN61000-4-5 class 3.
Line to Line
Line to Ground
1
2
kV
Insulation Resistance
Input to output.
10
M
Leakage Current
Per EN60950, 264 VAC.
2.0
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com