Electronic Components Datasheet Search
  English  ▼

X  

PFC500 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # PFC500
Description  Power Factor Correction meets EN61000-3-2 (AC input versions)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC500 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  PFC500 Datasheet HTML 1Page - Bel Fuse Inc. PFC500 Datasheet HTML 2Page - Bel Fuse Inc. PFC500 Datasheet HTML 3Page - Bel Fuse Inc. PFC500 Datasheet HTML 4Page - Bel Fuse Inc. PFC500 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
tech.support@psbel.com
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
Non-Operating.
10k
40k
ASL Ft.
Operating Temperature
Derate linearly above 50°C by 2.5% per °C.
At 100% load
At 50% load
0
0
50
70
°C
Storage Temperature
-55
85
°C
Forced Air Cooling
Forced air cooling of 300 LFM is required if the
internal fan is not specified. Cooling air velocity is
measured at the output exiting window (2.5” x 5”).
Airflow direction is from the input section to the
output section.
Temperature Coefficient
0°C to 70°C (after 15 minute warm-up).
±0.02
±0.05
%/°C
Relative Humidity
Non-Condensing.
5
95
%RH
Shock
Operating: 10±3mSec, 3 axis, Half Sine.
Non-operating: 10±3mSec, 3 axis, Half Sine.
20
40
G
Vibration
Operating: 5-32 Hz
32-2000 Hz Sinusoidal
Non-operating:
0.02
1
6.15
in (DA)
GPK
GRMS
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Dimensions
Overall Size
228.6 x 127.0 x 63.5
9.00 x 5.00 x 2.50
mm
in
Overall Length With Fan
266.7
10.50
mm
in
Weight
1.95
4.3
kg
lb
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Isolation Diodes
Add “D” as a suffix to the model number to order factory installed
isolation diodes for parallel or redundant operation. For 24V models
with the “D” option, external caps are required to meet the 1%
noise/ripple spec. Power Good has a pull-up resistor of 475 on the
24V models. See Application Note #P1 for details.
N/A
Fan
Add “F” as a suffix to the model number to order integral fan.
Fan provides the required 300 LFM of forced air cooling, or
otherwise provided by the end user.
266.7 x 127.0 x 63.5
10.50 x 5.00 x 2.50
mm
in
Metric Mounting
Add “M” as a suffix to the model number to order chassis with M4 x
0.7 mounting inserts.
N/A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com