Electronic Components Datasheet Search
  English  ▼

X  

PFC500 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # PFC500
Description  Power Factor Correction meets EN61000-3-2 (AC input versions)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC500 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  PFC500 Datasheet HTML 1Page - Bel Fuse Inc. PFC500 Datasheet HTML 2Page - Bel Fuse Inc. PFC500 Datasheet HTML 3Page - Bel Fuse Inc. PFC500 Datasheet HTML 4Page - Bel Fuse Inc. PFC500 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
tech.support@psbel.com
NOTES:
Chassis: 0.090" (2.3mm) Aluminum Alloy, With Clear Finish
*Airflow should be measured at the exiting window (5” x 2.5”).
Figure 1. Mechanical Drawing PFC500
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on
the date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com