Electronic Components Datasheet Search
  English  ▼

X  

PFC500 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # PFC500
Description  Power Factor Correction meets EN61000-3-2 (AC input versions)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC500 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  PFC500 Datasheet HTML 1Page - Bel Fuse Inc. PFC500 Datasheet HTML 2Page - Bel Fuse Inc. PFC500 Datasheet HTML 3Page - Bel Fuse Inc. PFC500 Datasheet HTML 4Page - Bel Fuse Inc. PFC500 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 866 513 2839
© 2015 Bel Power Solutions, Inc.
BCD.00595_AB
The PFC500 products of the PerFormanCe Power Series combine high
performance midrange power with high power density (4.4 watts/in3)
and high reliability to meet the requirements of communications,
commercial, and industrial systems.
Providing tightly regulated DC power, the PFC500 delivers full output
performance with only 300 Linear Feet per Minute (LFM) forced-air
cooling (factory-installed fan optional). Main channel current sharing
is provided for redundant applications.
Units are available with SAE mountings or optional metric mountings.
The PFC500 product line is approved to the latest international
regulatory standards, and displays the CE Mark.
RoHS Compliant
Power Factor Correction meets EN61000-3-2 (AC input
versions)
Fully-regulated outputs
Remote sense
Logic level Inhibit
Current Share, Power Fail, and Power Good Signals
Overtemperature, overvoltage, and overcurrent protected
Available with metric or SAE mountings
Input transient & ESD compliance to EN61000-4-2/-3/-4/-5
Fan output voltage and optional fan
Optional isolation diodes for parallel or redundant operation
DC input versions (36-75 VDC)


Similar Part No. - PFC500

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC500 POWER-ONE-PFC500 Datasheet
206Kb / 4P
PerFormanCe POWER
PFC500 POWER-ONE-PFC500 Datasheet
181Kb / 4P
RoHS lead solder exemption compliant
PFC500-1024 POWER-ONE-PFC500-1024 Datasheet
206Kb / 4P
PerFormanCe POWER
PFC500-1024F POWER-ONE-PFC500-1024F Datasheet
181Kb / 4P
RoHS lead solder exemption compliant
PFC500-1028 POWER-ONE-PFC500-1028 Datasheet
206Kb / 4P
PerFormanCe POWER
More results

Similar Description - PFC500

ManufacturerPart #DatasheetDescription
logo
Power-One
MPB80 POWER-ONE-MPB80 Datasheet
72Kb / 4P
Power Factor Correction (PFC) Meets EN61000-3-2
MPU150 POWER-ONE-MPU150 Datasheet
156Kb / 4P
Power Factor Correction (PFC) Meets EN61000-3-2
logo
Sparkle Power Inc.
FSP250-60FAG SPI-FSP250-60FAG Datasheet
38Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-60SBV SPI-FSP250-60SBV Datasheet
309Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-70PFU SPI-FSP250-70PFU Datasheet
40Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP500-70AAPB SPI-FSP500-70AAPB Datasheet
97Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60UAP SPI-FSP300-60UAP Datasheet
98Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60WAP SPI-FSP300-60WAP Datasheet
95Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP350-60UAP SPI-FSP350-60UAP Datasheet
98Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP400-60WAP SPI-FSP400-60WAP Datasheet
95Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com