Electronic Components Datasheet Search
  English  ▼

X  

LM134 Datasheet(PDF) 1 Page - Analog Devices

Part # LM134
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LM134 Datasheet(HTML) 1 Page - Analog Devices

  LM134 Datasheet HTML 1Page - Analog Devices LM134 Datasheet HTML 2Page - Analog Devices LM134 Datasheet HTML 3Page - Analog Devices LM134 Datasheet HTML 4Page - Analog Devices LM134 Datasheet HTML 5Page - Analog Devices LM134 Datasheet HTML 6Page - Analog Devices LM134 Datasheet HTML 7Page - Analog Devices LM134 Datasheet HTML 8Page - Analog Devices LM134 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC2990
1
Rev. F
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Quad I2C Voltage, Current
and Temperature Monitor
The LTC®2990 is used to monitor system temperatures,
voltages and currents. Through the I2C serial interface,
the device can be configured to measure many combi-
nations of internal temperature, remote temperature,
remote voltage, remote current and internal VCC. The
internal 10ppm/°C reference minimizes the number of
supporting components and area required. Selectable
address and configurable functionality give the LTC2990
flexibility to be incorporated in various systems needing
temperature, voltage or current data. The LTC2990 fits
well in systems needing sub-millivolt voltage resolution,
1% current measurement and 1°C temperature accuracy
or any combination of the three.
Temperature Total Unadjusted Error
n
Temperature Measurement
n
Supply Voltage Monitoring
n
Current Measurement
n
Remote Data Acquisition
n
Environmental Monitoring
n
Measures Voltage, Current and Temperature
n
Measures Two Remote Diode Temperatures
n
±0.5°C Accuracy, 0.06°C Resolution (Typ)
n
±1°C Internal Temperature Sensor (Typ)
n
14-Bit ADC Measures Voltage/Current
n
3V to 5.5V Supply Operating Voltage
n
Four Selectable Addresses
n
Internal 10ppm/°C Voltage Reference
n
10-Lead MSOP Package
VCC
V1
LTC2990
TINTERNAL
RSENSE
2.5V
5V
GND
SDA
SCL
ADR0
ADR1
MEASURES: TWO SUPPLY VOLTAGES,
SUPPLY CURRENT, INTERNAL AND
REMOTE TEMPERATURES
V3
V4
V2
ILOAD
TREMOTE
2990 TA01a
Voltage, Current, Temperature Monitor
All registered trademarks and trademarks are the property of their respective owners.
TAMB (°C)
–50
25
2990 TA01b
1.0
0
–25
0
50
–0.5
–1.0
0.5
75
100 125
TREMOTE


Similar Part No. - LM134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Oct-1997
LM134 STMICROELECTRONICS-LM134 Datasheet
1Mb / 11P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
May-2003
logo
Linear Technology
LM134 LINER-LM134 Datasheet
156Kb / 12P
Constant Current Source and Temperature Sensor
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
More results

Similar Description - LM134

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
Quad Voltage Monitor and Sequencer
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
High Voltage I2C Current and Voltage Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
LTC2990 I2C Temperature Voltage and Current Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Analog Devices
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
Quad Voltage Monitor and Sequencer
REV. B
logo
Linear Technology
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
High Voltage I2C Current and Voltage Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
Octal I2C Voltage, Current, and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com