Electronic Components Datasheet Search
  English  ▼

X  

LM134 Datasheet(PDF) 23 Page - Analog Devices

Part # LM134
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LM134 Datasheet(HTML) 23 Page - Analog Devices

Back Button LM134 Datasheet HTML 18Page - Analog Devices LM134 Datasheet HTML 19Page - Analog Devices LM134 Datasheet HTML 20Page - Analog Devices LM134 Datasheet HTML 21Page - Analog Devices LM134 Datasheet HTML 22Page - Analog Devices LM134 Datasheet HTML 23Page - Analog Devices LM134 Datasheet HTML 24Page - Analog Devices LM134 Datasheet HTML 25Page - Analog Devices LM134 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTC2990
23
Rev. F
For more information www.analog.com
TYPICAL APPLICATIONS
Liquid-Level Indicator
VCC
LTC2990
3.3V
µC
GND
SDA
SCL
ADR0
ADR1
V1
V4
V3
V2
470pF
3.3V
470pF
TINTERNAL
CONTROL REGISTER: 0x5D
TAMB
REG 4, 5
0.0625°C/LSB
THI
REG 6, 7
0.0625°C/LSB
TLO
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
NDS351AN
2290 TA09
HEATER: 75 0.125W
*SENSOR MMBT3904, DIODE CONNECTED
SENSOR LO*
∆T = ~2.0°C pp, SENSOR HI
~0.2°C pp, SENSOR LO
SENSOR HI*
HEATER ENABLE
2 SECOND PULSE
HEATER ENABLE
SENSOR HI
SENSOR LO
0.1µF
Oscillator/Reference Oven Temperature Regulation
VCC
V1
LTC2990
HEATERPWR = I •V
0.1
HEATER
VOLTAGE
2-WIRE
I2C
INTERFACE
5V
GND
470pF
FEED
FORWARD
FEED
BACK
HEATER
HEATER CONSTRUCTION:
5FT COIL OF #34 ENAMEL WIRE
~1.6 AT 70°C
PHEATER = ~0.4W WITH TA = 20°C
HEATER POWER =
α • (TSET – TAMB) + β • ∫(TOVEN – TSET) dt
20°C
AMBIENT
STYROFOAM
INSULATION
70°C
OVEN
TOVEN
α = 0.004W, β = 0.00005W/DEG-s
MMBT3904
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA10
TINTERNAL
CURRENT AND TEMPERATURE CONFIGURATION:
CONTROL REGISTER: 0x59
TAMB
REG 4, 5
0.0625°C/LSB
IHEATER
REG 6, 7
269µVLSB
THEATER
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
VOLTAGE AND TEMPERATURE CONFIGURATION:
CONTROL REGISTER: 0x58
TAMB
REG 4, 5
0.0625°C/LSB
V1, V2
REG 8, 9
305.18µVLSB
TOVEN
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com