Electronic Components Datasheet Search
  English  ▼

X  

LM134 Datasheet(PDF) 9 Page - Analog Devices

Part # LM134
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LM134 Datasheet(HTML) 9 Page - Analog Devices

Back Button LM134 Datasheet HTML 5Page - Analog Devices LM134 Datasheet HTML 6Page - Analog Devices LM134 Datasheet HTML 7Page - Analog Devices LM134 Datasheet HTML 8Page - Analog Devices LM134 Datasheet HTML 9Page - Analog Devices LM134 Datasheet HTML 10Page - Analog Devices LM134 Datasheet HTML 11Page - Analog Devices LM134 Datasheet HTML 12Page - Analog Devices LM134 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC2990
9
Rev. F
For more information www.analog.com
OPERATION
The LTC2990 monitors voltage, current, internal and
remote temperatures. It can be configured through an
I2C interface to measure many combinations of these
parameters. Single or repeated measurements are pos-
sible. Remote temperature measurements use a transistor
as a temperature sensor, allowing the remote sensor to
be a discrete NPN (ex. MMBT3904) or an embedded PNP
device in a microprocessor or FPGA. The internal ADC
reference minimizes the number of support components
required.
The Functional Diagram displays the main components of
the device. The input signals are selected with an input
MUX, controlled by the control logic block. The control
logic uses the mode bits in the control register to manage
the sequence and types of data acquisition. The control
logic also controls the variable current sources during
remote temperature acquisition. The order of acquisitions
is fixed: TINTERNAL, V1, V2, V3, V4 then VCC. The ADC
performs the necessary conversion(s) and supplies the
data to the control logic for further processing in the case
of temperature measurements, or routing to the appropri-
ate data register for voltage and current measurements.
Current and temperature measurements, V1 – V2 or V3
– V4, are sampled differentially by the internal ADC. The
I2C interface supplies access to control, status and data
registers. The ADR1 and ADR0 pins select one of four
possible I2C addresses (see Table 2). The undervoltage
detector inhibits I2C communication below the specified
threshold. During an undervoltage condition, the part is in
a reset state, and the data and control registers are placed
in the default state of 00h.
Remote diode measurements are conducted using mul-
tiple ADC conversions and source currents to compen-
sate for sensor series resistance. During temperature
measurements, the V2 or V4 terminal of the LTC2990
is terminated with a diode. The LTC2990 is calibrated to
yield the correct temperature for a remote diode with an
ideality factor of 1.004. See the applications section for
compensation of sensor ideality factors other than the
factory calibrated value of 1.004.
The LTC2990 communicates through an I2C serial inter-
face. The serial interface provides access to control, sta-
tus and data registers. I2C defines a 2-wire open-drain
interface supporting multiple slave devices and masters
on a single bus. The LTC2990 supports 100kbits/s in the
standard mode and up to 400kbit/s in fast mode. The
four physical addresses supported are listed in Table 2.
The I2C interface is used to trigger single conversions, or
start repeated conversions by writing to a dedicated trig-
ger register. The data registers contain a destructive-read
status bit (data valid), which is used in repeated mode to
determine if the register’s contents have been previously
read. This bit is set when the register is updated with new
data, and cleared when read.
VCC
V1
LTC2990
2.5V
2-WIRE
I2C
INTERFACE
5V
GND
SDA
SCL
ADR0
ADR1
V3
V4
V2
470pF
MMBT3904
RSENSE
15m
ILOAD
2990 F01
0.1µF
Figure 1 is the basic LTC2990 application circuit.
Figure 1.
APPLICATIONS INFORMATION
Power Up
The VCC pin must exceed the undervoltage (UV) thresh-
old of 2.5V to keep the LTC2990 out of power-on reset.
Power-on reset will clear all of the data registers and the
control register.
Temperature Measurements
The LTC2990 can measure internal temperature and up
to two external diode or transistor sensors. During tem-
perature conversion, current is sourced through either the
V1 or the V3 pin to forward bias the sensing diode. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com