Electronic Components Datasheet Search
  English  ▼

X  

LM134 Datasheet(PDF) 10 Page - Analog Devices

Part # LM134
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LM134 Datasheet(HTML) 10 Page - Analog Devices

Back Button LM134 Datasheet HTML 6Page - Analog Devices LM134 Datasheet HTML 7Page - Analog Devices LM134 Datasheet HTML 8Page - Analog Devices LM134 Datasheet HTML 9Page - Analog Devices LM134 Datasheet HTML 10Page - Analog Devices LM134 Datasheet HTML 11Page - Analog Devices LM134 Datasheet HTML 12Page - Analog Devices LM134 Datasheet HTML 13Page - Analog Devices LM134 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC2990
10
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 2. Recommended PCB Layout
V1
V2
V3
V4
VCC
ADR1
ADR0
SCL
SDA
LTC2990
2990 F02
GND SHIELD
TRACE
NPN SENSOR
470pF
0.1µF
GND
change in sensor voltage per degree temperature change
is 275µV/°C, so environmental noise must be kept to a
minimum. Recommended shielding and PCB trace con-
siderations are illustrated in Figure 2.
The diode equation:
VBE = η•
k • T
q
• ln
IC
IS
⎛
⎝
⎜
⎞
⎠
⎟
(1)
can be solved for T, where T is Kelvin degrees, IS is a
process dependent factor on the order of 1E-13, η is the
diode ideality factor, k is Boltzmann’s constant and q is
the electron charge.
T =
VBE •q
η • k •In
IC
IS
⎛
⎝
⎜
⎞
⎠
⎟
(2)
The LTC2990 makes differential measurements of diode
voltage to calculate temperature. Proprietary techniques
allow for cancellation of error due to series resistance.
ideality factor of the diode sensor can be considered a
temperature scaling factor. The temperature error for a
1% accurate ideality factor error is 1% of the Kelvin tem-
perature. Thus, at 25°C, or 298K, a +1% accurate ideality
factor error yields a +2.98 degree error. At 85°C or 358K, a
+1% error yields a 3.6 degree error. It is possible to scale
the measured Kelvin or Celsius temperature measured
using the LTC2990 with a sensor ideality factor other than
1.004, to the correct value. The scaling Equations (3) and
(4) are simple, and can be implemented with sufficient
precision using 16-bit fixed-point math in a microproces-
sor or microcontroller.
Factory Ideality Calibration Value:
ηCAL = 1.004
Actual Sensor Ideality Value:
ηACT
Compensated Kelvin Temperature:
TK _COMP =
ηCAL
ηACT
• TK _MEAS
(3)
Compensated Celsius Temperature
TC_COMP =
ηCAL
ηACT
• TC_MEAS + 273
(
)
⎡
⎣
⎢
⎤
⎦
⎥ – 273
(4)
A 16-bit unsigned number is capable of representing the
ratio ηCAL/ηACT in a range of 0.00003 to 1.99997, by
multiplying the fractional ratio by 215. The range of scal-
ing encompasses every conceivable target sensor value.
The ideality factor scaling granularity yields a worst-case
Ideality Factor Scaling
The LTC2990 is factory calibrated for an ideality factor of
1.004, which is typical of the popular MMBT3904 NPN
transistor. The semiconductor purity and wafer-level pro-
cessing limits device-to-device variation, making these
devices interchangeable (typically <0.5°C) for no addi-
tional cost. Several manufacturers supply suitable transis-
tors, some recommended sources are listed in Table 1.
Discrete 2-terminal diodes are not recommended as tem-
perature sensors. While an ideality factor value of 1.004
is typical of target sensors, small deviations can yield
significant temperature errors. Contact LTC Marketing for
parts trimmed to ideality factors other than 1.004. The
Table 1. Recommended Transistors to Be Used as Temperature
Sensors
MANUFACTURER
PART NUMBER
PACKAGE
Fairchild Semiconductor
MMBT3904
FMMT3904
SOT-23
SOT-23
Central Semiconductor
CMPT3904
CET3904E
SOT-23
SOT-883L
Diodes, Inc.
MMBT3904
SOT-23
On Semiconductor
MMBT3904LT1
SOT-23
NXP
MMBT3904
SOT-23
Infineon
MMBT3904
SOT-23
Rohm
UMT3904
SC-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com