Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8335
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 1 Page - Analog Devices

  LT8335 Datasheet HTML 1Page - Analog Devices LT8335 Datasheet HTML 2Page - Analog Devices LT8335 Datasheet HTML 3Page - Analog Devices LT8335 Datasheet HTML 4Page - Analog Devices LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT8337/LT8337-1
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
28V, 5A Low IQ Synchronous
Step-Up Silent Switcher with PassThru
The LT®8337/LT8337-1 is a low IQ, synchronous step-
up DC/DC converter. It features Silent Switcher architec-
ture and optional spread spectrum frequency modula-
tion (SSFM) to minimize EMI emissions while delivering
high efficiencies at high switching frequencies.
The wide input/output voltage range, low VIN pin quies-
cent current in Burst Mode operation, and 100% duty-
cycle capability for the synchronous MOSFET in PassThru
operation (VIN > VOUT) makes the LT8337/LT8337-1 ide-
ally suited for battery-powered systems and general pur-
pose step-up applications.
The LT8337/LT8337-1 integrates 28V, 5A power switches,
operating at a fixed switching frequency programmable
between 300kHz and 3MHz and synchronizable to an
external clock. The LT8337/LT8337-1 features output
soft-start and output overvoltage lockout.
The LT8337-1 allows external compensation via the VC pin
for fast transient response. The LT8337 offers an output
power good flag via the PG pin.
High Efficiency 5V to 13V Input, 2MHz, 15V Output Boost Converter
APPLICATIONS
n
Silent Switcher® Architecture
n
Ultralow EMI Emissions
n
Optional Spread Spectrum Frequency Modulation
n
Integrated 28V, 5A Power Switches
n
Wide Input Voltage Range: 2.7V to 28V
n
Output Voltage Programmable Up to 26V
n
Low VIN Pin Quiescent Current
n
0.3µA in Shutdown
n
4µA in Burst Mode® Operation (LT8337)
n
15µA in PassThru™ (LT8337)
n
100% Duty Cycle Capability for Synchronous MOSFET
n
External Compensation: Fast Transient Response
(LT8337-1)
n
Power Good Monitor (LT8337)
n
Adjustable and Synchronizable: 300kHz to 3MHz
n
Pulse-Skipping or Burst Mode Operation at Light Load
n
Small 16-Lead (3mm × 3mm) LQFN Package
n
Battery-Powered Systems
n
General Purpose Step-Up
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S patents, including 10686381.
Efficiency
OUTPUT CURRENT (mA)
0.1
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
83371 TA01b
VIN = 13V
VIN = 5V
INTVCC
SYNC/MODE
PG
VIN
SW
BST
EN/UVLO
FB
GND
VOUT
LT8337
83371 TA01a
RT
VIN
5V TO 13V
VOUT
15V
1.2A AT 5V VIN
3A AT 13V VIN
22µF
2.2µH
0.1µF
1M
22µF
×4
71.5k
1µF
47.5k
2MHz


Similar Part No. - LT8335

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
logo
Analog Devices
LT8335 AD-LT8335 Datasheet
1Mb / 20P
40V, 1.2A Micropower Synchronous Boost Converter with PassThru
LT8335 AD-LT8335 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8335 AD-LT8335 Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
More results

Similar Description - LT8335

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8386 AD-LT8386 Datasheet
2Mb / 28P
60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com