Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8335
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8335 Datasheet HTML 10Page - Analog Devices LT8335 Datasheet HTML 11Page - Analog Devices LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices LT8335 Datasheet HTML 14Page - Analog Devices LT8335 Datasheet HTML 15Page - Analog Devices LT8335 Datasheet HTML 16Page - Analog Devices LT8335 Datasheet HTML 17Page - Analog Devices LT8335 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT8337/LT8337-1
14
Rev. 0
For more information www.analog.com
Spread Spectrum Frequency Modulation
The LT8337/LT8337-1 features spread spectrum fre-
quency modulation to further reduce EMI emissions. The
user can select spread spectrum frequency modulation
with Burst Mode operation by connecting the SYNC/MODE
pin to ground through a 50k resistor, or spread spectrum
frequency modulation with pulse-skipping operation by
connecting the SYNC/MODE pin to INTVCC. When spec-
trum frequency modulation is selected, a stepped trian-
gular frequency modulation is used to vary the internal
oscillator frequency between the value programmed by
the RT resistor to approximately 20% higher than that
value. The modulation frequency is approximately 0.45%
of the switching frequency. For example, when the IC is
programmed to 2MHz, and spread spectrum frequency
modulation is selected, the oscillator frequency var-
ies from 2MHz to 2.4MHz at a 9kHz rate (see Oscillator
Frequency with Spread Spectrum Modulation curve in the
Typical Performance Characteristics section). When oper-
ating at light load, the spread spectrum frequency modu-
lation is more effective in pulse-skipping mode than in
Burst Mode operation, due to the fact that pulse-skipping
operation maintains the programmed switching frequency
down to a much lower load current as compared to Burst
Mode operation.
VIN to VOUT PassThru Mode Operation
In the boost pre-regulator applications for automotive
stop-start and cold crank, VIN is normally above the regu-
lated VOUT voltage. In this condition, LT8337/LT8337-1
enters PassThru operation. LT8337/LT8337-1 is designed
to have an accurate, well controlled PassThru operation
with low quiescent current consumption. If VIN transiently
falls below the VOUT regulation setpoint, the boost con-
verter commences switching to maintain the output volt-
age in regulation.
As shown in Block Diagram, VIN is compared with VOUT
using the comparator A3 with 0.6V hysteresis. When
VIN rises above VOUT (causing A3’s output high), and at
the same time VOUT is higher than its regulation voltage
programmed by the FB resistor network, the IC boost
converter enters PassThru operation, where the synchro-
nous power switch M2 is kept on continuously and the
power switch M1 is kept off continuously. The voltage
across the boost capacitor (CBST), VBST_SW, is constantly
monitored. When VBST_SW drops below 3.2V, an inter-
nal charge pump is turned on to charge VBST_SW up to
3.6V, and then turned off. In PassThru mode the VOUT is
essentially shorted to VIN by the inductor and M2, and
VIN pin quiescent current is limited to 15µA (LT8337)
or 30µA (LT8337-1) regardless of the SYNC/MODE pin’s
configuration. VOUT pin draws 30µA (typ). A typical
waveforms drawing is shown in the Typical Performance
Characteristics section.
Several conditions cause the IC to exit from the PassThru
mode operation. First, when VOUT drops below its regula-
tion voltage programmed by the FB resistor network, the
IC exits from PassThru mode operation and normal boost
switching operation resumes to maintain the regulated
VOUT voltage. Second, when VOUT is still higher than its
regulation voltage but VIN drops below VOUT by the com-
parator A3’s hysteresis of 0.6V (typ) or more to cause
A3’s output low, M2 is turned off to prevent the reverse
current from VOUT to VIN from ramping up. IC is back to
the PassThru mode when A3’s output is high again. Third,
when VOUT is still higher than its regulation voltage but
M2’s reverse current (flowing from its drain to source)
rises above 1.5A (typ), M2 is turned off to prevent the
reverse current from VOUT to VIN from ramping up. The
IC re-enters the PassThru mode when A3’s output is high
again. Waveforms for typical reverse current protection
are shown in the Typical Performance Characteristics
section.
To ensure the PassThru mode operation works properly,
the IC’s VIN pin must be connect to the input of the power
stage (the input terminal of inductor as shown in Block
Diagram).
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com