Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 22 Page - Analog Devices

Part # LT8335
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8335 Datasheet HTML 16Page - Analog Devices LT8335 Datasheet HTML 17Page - Analog Devices LT8335 Datasheet HTML 18Page - Analog Devices LT8335 Datasheet HTML 19Page - Analog Devices LT8335 Datasheet HTML 20Page - Analog Devices LT8335 Datasheet HTML 21Page - Analog Devices LT8335 Datasheet HTML 22Page - Analog Devices LT8335 Datasheet HTML 23Page - Analog Devices LT8335 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT8337/LT8337-1
22
Rev. 0
For more information www.analog.com
2.8V to 24V Input, 18V Output Boost Converter
Efficiency vs Output Current
Efficiency vs Input Voltage
TYPICAL APPLICATIONS
LOAD CURRENT (mA)
0.1
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
100
83371 TA05b
VIN = 15V
VIN = 9V
VIN = 5V
VIN = 2.8V
Burst Mode OPERATION
Burst Mode OPERATION
ILOAD = 0.3A
INPUT VOLTAGE (V)
0
3
6
9
12
15
18
21
24
90
91
92
93
94
95
96
98
99
97
100
83371 TA05b
L: COILCRAFT XEL5030-472ME
*WHEN VIN > 18V, VOUT FOLLOWS VIN
22µF
25V
X7R
×4
1µF
25V
X7R
×2
INTVCC
SYNC/MODE
PG
VIN
SW
BST
EN/UVLO
FB
GND
VOUT
LT8337
RT
L
4.7µH
0.1µF
1M
59k
1µF
102k
1MHz
4.7pF
1M
556k
UVLOFALLING = 2.8V
22µF
25V
X7R
83371 TA05a
VOUT*
18V
VIN
2.8V TO 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com