Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8335
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8335 Datasheet HTML 11Page - Analog Devices LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices LT8335 Datasheet HTML 14Page - Analog Devices LT8335 Datasheet HTML 15Page - Analog Devices LT8335 Datasheet HTML 16Page - Analog Devices LT8335 Datasheet HTML 17Page - Analog Devices LT8335 Datasheet HTML 18Page - Analog Devices LT8335 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT8337/LT8337-1
15
Rev. 0
For more information www.analog.com
FB Resistor Network and the Quiescent Current at
No Load
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to Equation 2.
R1 = R2 •
VOUT
1V
– 1
⎛
⎝⎜
⎞
⎠⎟
(2)
Reference designators refer to Block Diagram. The
1% resistors are recommended to maintain output
voltage accuracy.
If low input quiescent current and good light-load effi-
ciency are desired, use large resistor values for the FB
resistor divider. The current flowing in the divider acts as
a load current, and will increase the no load input current
to the converter.
When VIN < VOUT, the LT8337 converter Burst Mode quies-
cent current at no load can be estimated using Equation 3,
and the LT8337-1 converter Burst Mode quiescent current
at no load can be estimated using Equation 4.
I ≈
VOUT
R1 + R2
4µA
1µA
+
+
VOUT
VIN
1.2
•
•
Q
⎛
⎝
⎜
⎛
⎝
⎜
⎞
⎠
⎟
⎞
⎠
⎟
(3)
I ≈
VOUT
R1 + R2
23µA
1µA
+
+
VOUT
VIN
1.4
•
•
Q
⎛
⎝
⎜
⎛
⎝
⎜
⎞
⎠
⎟
⎞
⎠
⎟
(4)
where 4µA and 23µA are the VIN pin quiescent current of
the LT8337 and LT8337-1 respectively, and the second
term is the current drawn by the feedback divider and VOUT
pin (1μA) reflected to the input of the boost operating.
For a 12V input, 24V output boost converter with R1 = 1M
and R2 = 43.2k, it can be calculated that the LT8337 con-
verter draws approximately 60µA from the supply at no
load, and the LT8337-1 converter draws approximately
90µA from the supply at no load. Note that Equation 3
and Equation 4 imply that the no load current is a func-
tion of VIN.
When VIN is higher than the regulated VOUT voltage, the IC
enters PassThru operation and VOUT is essentially shorted
to VIN by the inductor and M2. The converter quiescent
current at no load can be estimated using Equation 5 for
LT8337 and Equation 6 for LT8337-1.
I ≈
VIN
R1 + R2
45µA +
Q
(5)
I ≈
VIN
R1 + R2
60µA +
Q
(6)
where 45µA and 60µA are is the sum of the VIN pin and
VOUT pin quiescent current of the LT8337 and LT8337-1
respectively, and the second term is the current drawn by
the feedback divider.
When using large FB resistors, a 4.7pF to 22pF phase-lead
capacitor should be connected from VOUT to FB, and a
careful evaluation of system stability should be made to
ensure adequate design margin.
Overvoltage Lockout
The VOUT pin voltage is constantly monitored by the
LT8337/LT8337-1. An overvoltage condition occurs when
VOUT pin voltage exceeds approximately 28V. Switching is
stopped at such condition. Normal switching is resumed
when the VOUT pin voltage drops back to 28V or lower.
Switching Frequency Foldback when VIN
Approaches VOUT
In some applications, VIN may rise to a voltage very close
to VOUT. In this condition the switching regulator must
operate at a very low duty cycles to keep VOUT in regula-
tion. However, the minimum on-time limitation may pre-
vent the switcher from attaining a sufficiently low duty
cycle at the programmed switching frequency. As a result
a typical boost converter may experience a large output
ripple under these conditions. The LT8337/LT8337-1
addresses this issue by adopting a switching frequency
foldback function to smoothly decrease the switching
frequency when its minimum on-time starts to limit the
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com