Electronic Components Datasheet Search
  English  ▼

X  

LTC2487 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2487
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2487 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2487 Datasheet HTML 3Page - Analog Devices LTC2487 Datasheet HTML 4Page - Analog Devices LTC2487 Datasheet HTML 5Page - Analog Devices LTC2487 Datasheet HTML 6Page - Analog Devices LTC2487 Datasheet HTML 7Page - Analog Devices LTC2487 Datasheet HTML 8Page - Analog Devices LTC2487 Datasheet HTML 9Page - Analog Devices LTC2487 Datasheet HTML 10Page - Analog Devices LTC2487 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC2990
7
Rev. F
For more information www.analog.com
PIN FUNCTIONS
V1 (Pin 1): First Monitor Input. This pin can be config-
ured as a single-ended input or the positive input for a
differential or remote diode temperature measurement (in
combination with V2). When configured for remote diode
temperature, this pin will source a current.
V2 (Pin 2): Second Monitor Input. This pin can be con-
figured as a single-ended input or the negative input for a
differential or remote diode temperature measurement (in
combination with V1). When configured for remote diode
temperature, this pin will have an internal termination,
while the measurement is active.
V3 (Pin 3): Third Monitor Input. This pin can be config-
ured as a single-ended input or the positive input for a
differential or remote diode temperature measurement (in
combination with V4). When configured for remote diode
temperature, this pin will source a current.
V4 (Pin 4): Fourth Monitor Input. This pin can be config-
ured as a single-ended input or the negative input for a
differential or remote diode temperature measurement (in
combination with V3). When configured for remote diode
temperature, this pin will have an internal termination,
while the measurement is active.
GND (Pin 5): Device Circuit Ground. Connect this pin to a
ground plane through a low impedance connection.
SDA (Pin 6): Serial Bus Data Input and Output. In the
transmitter mode (Read), the conversion result is output
through the SDA pin, while in the receiver mode (Write),
the device configuration bits are input through the SDA
pin. At data input mode, the pin is high impedance; while
at data output mode, it is an open-drain N-channel driver
and therefore an external pull-up resistor or current
source to VCC is needed.
SCL (Pin 7): Serial Bus Clock Input. The LTC2990 can
only act as a slave and the SCL pin only accepts exter-
nal serial clock. The LTC2990 does not implement clock
stretching.
ADR0 (Pin 8): Serial Bus Address Control Input. The
ADR0 pin is an address control bit for the device I2C
address. See Table 2.
ADR1 (Pin 9): Serial Bus Address Control Input. The
ADR1 pin is an address control bit for the device I2C
address. See Table 2.
VCC (Pin 10): Supply Voltage Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com