Electronic Components Datasheet Search
  English  ▼

X  

LTC2487 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2487
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2487 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2487 Datasheet HTML 7Page - Analog Devices LTC2487 Datasheet HTML 8Page - Analog Devices LTC2487 Datasheet HTML 9Page - Analog Devices LTC2487 Datasheet HTML 10Page - Analog Devices LTC2487 Datasheet HTML 11Page - Analog Devices LTC2487 Datasheet HTML 12Page - Analog Devices LTC2487 Datasheet HTML 13Page - Analog Devices LTC2487 Datasheet HTML 14Page - Analog Devices LTC2487 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTC2990
11
Rev. F
For more information www.analog.com
APPLICATIONS INFORMATION
temperature error of 0.01° at 125°C. Multiplying this
16-bit unsigned number and the measured Kelvin
(unsigned) temperature represented as a 16-bit number,
yields a 32-bit unsigned result. To scale this number back
to a 13-bit temperature (9-bit integer part, and a 4-bit
fractional part), divide the number by 215 per Equation (5).
Similarly, Celsius coded temperature values can be scaled
using 16-bit fixed-point arithmetic, using Equation (6).
In both cases, the scaled result will have a 9-bit integer
(d[12:4]) and the 4LSBs (d[3:0]) representing the 4-bit
fractional part. To convert the corrected result to decimal,
divide the final result by 24 or 16, as you would the reg-
ister contents. If ideality factor scaling is implemented
in the target application, it is beneficial to configure the
LTC2990 for Kelvin coded results to limit the number of
math operations required in the target processor.
TK _COMP =
Unsigned
(
)
ηCAL
ηACT
215
⎛
⎝
⎜
⎞
⎠
⎟TK _MEAS
215
(5)
TC_COMP =
Unsigned
(
)
ηCAL
ηACT
215
⎛
⎝
⎜
⎞
⎠
⎟ TC _MEAS + 273.15 • 2
4
(
)
215
– 273.15 • 24
(6)
Sampling Currents
Single-ended voltage measurements are directly sampled
by the internal ADC. The average ADC input current is a
function of the input applied voltage as follows:
IIN(AVG) = (VIN – 1.49V) • 0.17[µA/V]
Inputs with source resistance less than 200Ω will yield
full-scale gain errors due to source impedance of <1/2LSB
for 14-bit conversions. The nominal conversion time is
1.5ms for single-ended conversions.
Current Measurements
The LTC2990 has the ability to perform 14-bit current
measurements with the addition of a current sense resis-
tor (see Figure 3).
In order to achieve accurate current sensing a few details
must be considered. Differential voltage or current
measurements are directly sampled by the internal ADC.
The average ADC input current for each leg of the differ-
ential input signal during a conversion is (VIN – 1.49V)
• 0.34[µA/V]. The maximum source impedance to yield
14-bit results with, 1/2LSB full-scale error is ~50Ω. In
order to achieve high accuracy 4-point, or Kelvin con-
nected measurements of the sense resistor differential
voltage are necessary.
In the case of current measurements, the external sense
resistor is typically small, and determined by the full-
scale input voltage of the LTC2990. The full-scale dif-
ferential voltage is 0.300V. The external sense resistance
is then a function of the maximum measurable current,
or REXT_MAX = 0.300V/IMAX. For example, if you wanted
to measure a current range of ±5A, the external shunt
resistance would equal 0.300V/5A = 60mΩ.
There exists a way to improve the sense resistor’s preci-
sion using the LTC2990. The LTC2990 measures both dif-
ferential voltage and remote temperature. It is therefore,
possible to compensate for the absolute resistance toler-
ance of the sense resistor and the temperature coefficient
of the sense resistor in software. The resistance would be
measured by running a calibrated test current through the
discrete resistor. The LTC2990 would measure both the
differential voltage across this resistor and the resistor
temperature. From this measurement, RO and TO in the
equation below would be known. Using the two equations,
the host microprocessor could compensate for both the
absolute tolerance and the TCR.
RT = RO • [1 + α(T – TO)]
where:
α = +3930 ppm/°C for copper trace
α = ±2 to ~+200ppm/°C for discrete R
(7)
I = (V1 – V2)/RT
(8)
Figure 3. Simplified Current Sense Schematic
V1
V2
LTC2990
0V – VCC
RSENSE
ILOAD
2990 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com