Electronic Components Datasheet Search
  English  ▼

X  

LTC2487 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC2487
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2487 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC2487 Datasheet HTML 18Page - Analog Devices LTC2487 Datasheet HTML 19Page - Analog Devices LTC2487 Datasheet HTML 20Page - Analog Devices LTC2487 Datasheet HTML 21Page - Analog Devices LTC2487 Datasheet HTML 22Page - Analog Devices LTC2487 Datasheet HTML 23Page - Analog Devices LTC2487 Datasheet HTML 24Page - Analog Devices LTC2487 Datasheet HTML 25Page - Analog Devices LTC2487 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTC2990
22
Rev. F
For more information www.analog.com
TYPICAL APPLICATIONS
Wet-Bulb Psychrometer
VCC
V1
LTC2990
5V
µC
GND
470pF
TDRY
TWET
MMBT3904
MMBT3904
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA08
470pF
TINTERNAL
DAMP MUSLIN
WATER
RESERVOIR
CONTROL REGISTER: 0x5D
TAMB
REG 4, 5
0.0625°C/LSB
TWET
REG 6, 7
0.0625°C/LSB
TDRY
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
∆T
NDS351AN
FAN ENABLE
5V
FAN
FAN: SUNON
KDE0504PFB2
0.1µF
REFERENCES:
http://en.wikipedia.org/wiki/Hygrometer
http://en.wikipedia.org/wiki/Psychrometrics
Wind Direction/Instrumentation
VCC
V1
LTC2990
3.3V
µC
GND
470pF
MMBT3904
MMBT3904
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA11
470pF
3.3V
HEATER
75
0.125W
TINTERNAL
CONTROL REGISTER: 0x5D
TAMB
REG 4, 5
0.0625°C/LSB
TR1
REG 8, 9
0.0625°C/LSB
TR2
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
2N7002
HEATER ENABLE
2 SECOND PULSE
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com