Electronic Components Datasheet Search
  English  ▼

X  

LTC2487 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC2487
Description  Quad I2C Voltage, Current and Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2487 Datasheet(HTML) 2 Page - Analog Devices

  LTC2487 Datasheet HTML 1Page - Analog Devices LTC2487 Datasheet HTML 2Page - Analog Devices LTC2487 Datasheet HTML 3Page - Analog Devices LTC2487 Datasheet HTML 4Page - Analog Devices LTC2487 Datasheet HTML 5Page - Analog Devices LTC2487 Datasheet HTML 6Page - Analog Devices LTC2487 Datasheet HTML 7Page - Analog Devices LTC2487 Datasheet HTML 8Page - Analog Devices LTC2487 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC2990
2
Rev. F
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
1
2
3
4
5
V1
V2
V3
V4
GND
10
9
8
7
6
VCC
ADR1
ADR0
SCL
SDA
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 150°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2990CMS#PBF
LTC2990CMS#TRPBF
LTDSQ
10-Lead Plastic MSOP
0°C to 70°C
LTC2990IMS#PBF
LTC2990IMS#TRPBF
LTDSQ
10-Lead Plastic MSOP
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2990CMS
LTC2990CMS#TR
LTDSQ
10-Lead Plastic MSOP
0°C to 70°C
LTC2990IMS
LTC2990IMS#TR
LTDSQ
10-Lead Plastic MSOP
–40°C to 85°C
Consult the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Contact the factory for parts trimmed to ideality factors other than 1.004.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
Supply Voltage VCC................................... –0.3V to 6.0V
Input Voltages V1, V2, V3, V4, SDA, SCL,
ADR1, ADR2..................................–0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2990C................................................ 0°C to 70°C
LTC2990I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General
VCC
Input Supply Range
l
2.9
5.5
V
ICC
Input Supply Current
During Conversion, I2C Inactive
l
1.1
1.8
mA
ISD
Input Supply Current
Shutdown Mode, I2C Inactive
l
1
5
µA
VCC(UVL)
Input Supply Undervoltage Lockout
l
1.3
2.1
2.7
V
Measurement Accuracy
TINT(TUE)
Internal Temperature Total Unadjusted
Error
TAMB = 0°C to 85°C
TAMB = –40°C to 0°C
±0.5
±1
±3
±3.5
°C
°C
°C
TRMT(TUE)
Remote Diode Temperature Total
Unadjusted Error
η = 1.004 (Note 4)
l
±0.5
±1.5
°C
VCC(TUE)
VCC Voltage Total Unadjusted Error
l
±0.1
±0.25
%
Vn(TUE)
V1 Through V4 Total Unadjusted Error
l
±0.1
±0.25
%
VDIFF(TUE)
Differential Voltage Total Unadjusted Error
V1 – V2 or V3 – V4
–300mV ≤ VD ≤ 300mV
l
±0.2
±0.75
%
VDIFF(MAX)
Maximum Differential Voltage
l
–300
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com