Electronic Components Datasheet Search
  English  ▼

X  

PD39208 Datasheet(PDF) 18 Page - Microchip Technology

Part # PD39208
Description  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PD39208 Datasheet HTML 14Page - Microchip Technology PD39208 Datasheet HTML 15Page - Microchip Technology PD39208 Datasheet HTML 16Page - Microchip Technology PD39208 Datasheet HTML 17Page - Microchip Technology PD39208 Datasheet HTML 18Page - Microchip Technology PD39208 Datasheet HTML 19Page - Microchip Technology PD39208 Datasheet HTML 20Page - Microchip Technology PD39208 Datasheet HTML 21Page - Microchip Technology PD39208 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
4.16
Voltage Regulator
The voltage regulator generates 3.3 V and 5 V for internal circuitry. These voltages are derived from VMAIN supply. To
use the internal voltage regulator connect:
• VAUX5 to DRV_VAUX5
• VAUX3P3 to VAUX3P3_INT
There are three options to reduce the managers’ power dissipation by regulating voltage outside the chip.
• Use an external NPN transistor to regulate the 5 V. In this setup, the configuration of regulators pins should be
as follows.
– DRV_VAUX5 is connected to NPN BASE
– VAUX5 is connected to NPN EMITTER (Connect Collector to VMAIN)
– VAUX3P3 is connected to VAUX3P3_INT
• Supply the manager with an external 5 V voltage regulator. In this setup, regulators pins configuration should be
as follows.
– VAUX3P3 is connected to VAUX3P3_INT
– DRV_VAUX5 is not connected (left open)
– VAUX5 is connected to external 5 V
• Supply the manager with an external 3.3 V voltage regulator. In this setup, regulators pins configuration should
be as follows.
– VAUX5 is connected to DRV_VAUX5
– VAUX3P3_INT is not connected (left open)
– VAUX3P3 is connected to external 3.3 V
4.17
SPI Communication
The following table lists the SPI communication packet structure.
Table 4-1. SPI Communication—Packet Structure
Control Byte
Selects Manager
According to
Address
R/W Bit
Internal Register
Address
Number of Words
(Read Access Only)
Data Written to IC
(Write Access Only)
Read from IC (Read
Access Only)
8 bits
R(0)/W(1)
8 bits
8 bits
16 bits
4.17.1
SPI Addressing
The manager operates in the 8-bit address and 16-bit data. It responds to SPI transaction if the first SPI byte (IC
address byte bits[7:1]) complies with the following.
Table 4-2. Manager SPI Addressing
3 Bits (bit 7:5)
4 Bits (bit 4:1)
1 Bit (bit 0)
000
Address Input Pin
Read/Write
4.17.2
Broadcast
A broadcast command is intended to instruct all connected manager ICs to perform a specific operation.
The broadcast command is a write command with the standard packet structure. In a broadcast read operation, the
read data is not valid and the read operation has no impact.
PD39208
Application Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com