Electronic Components Datasheet Search
  English  ▼

X  

PD39208 Datasheet(PDF) 9 Page - Microchip Technology

Part # PD39208
Description  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PD39208 Datasheet HTML 5Page - Microchip Technology PD39208 Datasheet HTML 6Page - Microchip Technology PD39208 Datasheet HTML 7Page - Microchip Technology PD39208 Datasheet HTML 8Page - Microchip Technology PD39208 Datasheet HTML 9Page - Microchip Technology PD39208 Datasheet HTML 10Page - Microchip Technology PD39208 Datasheet HTML 11Page - Microchip Technology PD39208 Datasheet HTML 12Page - Microchip Technology PD39208 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
...........continued
Symbol Parameter
Conditions
Min Typ Max Units
ILIM
Port current limit
802.3af
400 425 450 mA
802.3at
790 850 892 mA
TLIM
Port current limit time
VMAIN–VPORT_NEGx <30 V
1
2
3
ms
IUDL
DC disconnect under-load current
2 pairs
6
7.5 9
mA
TMPDO
PD maintain power signature dropout
time limit
322 324 326 ms
TMPS
PD maintain power
802.3at
46
48
50
ms
TOFF
Turn off time
From VMAIN to 2.8 V
500 ms
1.
Can be overridden by communication command.
2.6
Port Current Monitoring
Table 2-6. Port Current Monitoring
Symbol
Conditions
Typ
Max
Units
Resolution
Reported as 14 bits
10
Bits
LSB
122.07
µA
Measurement period
16
mS
Accuracy
50 mA < IPORT < 150 mA
9
%
150 mA < IPORT < 350 mA
4.5
%
350 mA < IPORT < 600 mA
3.5
%
2.7
Port Voltage Monitoring
Table 2-7. Port Voltage Monitoring
Symbol
Conditions
Typ
Max
Units
Resolution
10
Bits
LSB
58.6
mV
Measurement period
3
ms
Accuracy
3.3
%
2.8
Main Voltage Monitoring
Table 2-8. Main Voltage Monitoring
Symbol
Conditions
Typ
Max
Units
Resolution
10
Bits
LSB
58.6
mV
Measurement period
3
ms
PD39208
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com