Electronic Components Datasheet Search
  English  ▼

X  

PD39208 Datasheet(PDF) 10 Page - Microchip Technology

Part # PD39208
Description  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PD39208 Datasheet HTML 6Page - Microchip Technology PD39208 Datasheet HTML 7Page - Microchip Technology PD39208 Datasheet HTML 8Page - Microchip Technology PD39208 Datasheet HTML 9Page - Microchip Technology PD39208 Datasheet HTML 10Page - Microchip Technology PD39208 Datasheet HTML 11Page - Microchip Technology PD39208 Datasheet HTML 12Page - Microchip Technology PD39208 Datasheet HTML 13Page - Microchip Technology PD39208 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
...........continued
Symbol
Conditions
Typ
Max
Units
Accuracy
42 V < VMAIN < 50 V
3.0
%
50 V < VMAIN < 57 V
2.2
%
2.9
Temperature Monitoring
Table 2-9. Temperature Monitoring
Symbol
Conditions
Min
Typ
Max
Units
Resolution
8
Bits
LSB
Temperature = (DATA x 1.9384)–277
1.9384
°C
Measurement period
3
ms
Accuracy
–3
3
°C
2.10
Digital Interface
Table 2-10. Digital Interface
Symbol Parameter
Conditions
Min Typ Max Units
VIH
Input logic high voltage
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
2.2
V
VIL
Input logic low voltage
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
0.8
V
Hyst
Input logic hysteresis voltage RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
0.4 0.6 0.8
V
IIH
Input logic high current
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
–10
10
µA
IIL
Input logic low current
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
–10
10
µA
VOH
Output logic high voltage
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
IOH = –1 mA
2.4
V
VOL
Output logic low voltage
RESET_N, MOSI, MISO, SCK, CS_N, PGD[0..3],
ADDR[0..3]
IOH = 1 mA
0.4
V
2.11
Detection
Table 2-11. Detection
Symbol
Parameter
Conditions
Min Typ Max Units
VOC
Pre-detection voltage, open-circuit
voltage
VMAIN–VPORT_NEGx, open port
7.8
V
PD39208
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com