Electronic Components Datasheet Search
  English  ▼

X  

PD39208 Datasheet(PDF) 19 Page - Microchip Technology

Part # PD39208
Description  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PD39208 Datasheet HTML 15Page - Microchip Technology PD39208 Datasheet HTML 16Page - Microchip Technology PD39208 Datasheet HTML 17Page - Microchip Technology PD39208 Datasheet HTML 18Page - Microchip Technology PD39208 Datasheet HTML 19Page - Microchip Technology PD39208 Datasheet HTML 20Page - Microchip Technology PD39208 Datasheet HTML 21Page - Microchip Technology PD39208 Datasheet HTML 22Page - Microchip Technology PD39208 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Table 4-3. Manager Broadcast
3 Bits (bit 7:5)
4 Bits (bit 4:1)
1 Bit (bit 0)
001
0000
Write
Figure 4-3. SPI Timing Diagram
Table 4-4. SPI Timing Diagram Description
Name Min Delay
Max Delay
Description
D1
910 ns
SPI clock period
D2
45%
55%
SPI duty cycle
D3
340 ns
SPI_CS setup to SPI clock positive edge (delay after SPI_CS active
signal)
D4
340 ns
SPI_CS hold to SPI clock positive edge (delay before SPI_CS
inactive signal)
D5
2 SPI clock cycles
Delay between last SCK in SPI1 frame and first SCK at adjacent
SPI1 frame
D6
1 SPI clock cycle
Between byte 0 (IC address) and byte 1 (address)
D7
1 SPI clock cycle
Between byte 1 (address) and byte 2 (data)
D8
1 SPI clock cycle
Between byte 2 (MS data byte) and byte 3 (LS data byte)
D9
340 ns
MOSI setup time
D10
340 ns
MOSI hold time
D11
700 ns
MISO tri-state to valid data from clock positive edge
D12
700 ns
MISO valid data to tri-state from SPI_CS positive edge
D13
1 SPI clock cycle
SPI_CS width (Delay SPI1 frame to adjacent SPI1 frame)
D14
60 ns
Filtered glitch width
D15
D3 + D11 + 24
SPI clock
cycles
MISO tri-state from SPI_CS negative edge to valid data
D16
200 ns
MISO setup to SCK positive edge
D17
200 ns
MISO hold to SCK positive edge
PD39208
Application Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com