Electronic Components Datasheet Search
  English  ▼

X  

M69AW024BE Datasheet(PDF) 9 Page - STMicroelectronics

Part # M69AW024BE
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024BE Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M69AW024BE Datasheet HTML 5Page - STMicroelectronics M69AW024BE Datasheet HTML 6Page - STMicroelectronics M69AW024BE Datasheet HTML 7Page - STMicroelectronics M69AW024BE Datasheet HTML 8Page - STMicroelectronics M69AW024BE Datasheet HTML 9Page - STMicroelectronics M69AW024BE Datasheet HTML 10Page - STMicroelectronics M69AW024BE Datasheet HTML 11Page - STMicroelectronics M69AW024BE Datasheet HTML 12Page - STMicroelectronics M69AW024BE Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/25
M69AW024BE
Table 2. Operating Modes
Note: 1. X = VIH or VIL.
2. Output Disable mode should not be kept longer than 1µs.
3. Power-down mode can be entered from Stand-by state, and all DQ pins are in Hi-Z state.
4. Can be either VIL or VIH but must be valid before Read or Write.
Operation
E2
E1
W
G
LB
UB
A0-A19
DQ0-DQ7
DQ8-
DQ15
ICC
Data
Retention
Standby (Deselect)
VIH
VIH
X (1)
X (1)
X (1)
X (1)
X (1)
Hi-Z
Hi-Z
ISB
Yes
Output Disabled (2)
VIH
VIL
VIH
VIH
X (1)
X (1)
Note (4)
Hi-Z
Hi-Z
ICC
Yes
Output Disabled
(No Read)
VIH
VIL
VIH
VIL
VIH
VIH
Valid
Hi-Z
Hi-Z
ICC
Yes
Upper Byte Read
VIH
VIL
VIH
VIL
VIH
VIL
Valid
Hi-Z
Output
Valid
ICC
Yes
Lower Byte Read
VIH
VIL
VIH
VIL
VIL
VIH
Valid
Output
Valid
Hi-Z
ICC
Yes
Word Read
VIH
VIL
VIH
VIL
VIL
VIL
Valid
Output Valid
ICC
Yes
Upper Byte Write
VIH
VIL
VIL
VIH
VIH
VIL
Valid
Invalid
Input Valid
ICC
Yes
Lower Byte Write
VIH
VIL
VIL
VIH
VIL
VIH
Valid
Input Valid
Invalid
ICC
Yes
Word Write
VIH
VIL
VIL
VIH
VIL
VIL
Valid
Input Valid
Input Valid
ICC
Yes
Power-down (3)
VIL
X (1)
X (1)
X (1)
X (1)
X (1)
X (1)
Hi-Z
Hi-Z
IPD
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com