Electronic Components Datasheet Search
  English  ▼

X  

M69AW024BE Datasheet(PDF) 10 Page - STMicroelectronics

Part # M69AW024BE
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024BE Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M69AW024BE Datasheet HTML 6Page - STMicroelectronics M69AW024BE Datasheet HTML 7Page - STMicroelectronics M69AW024BE Datasheet HTML 8Page - STMicroelectronics M69AW024BE Datasheet HTML 9Page - STMicroelectronics M69AW024BE Datasheet HTML 10Page - STMicroelectronics M69AW024BE Datasheet HTML 11Page - STMicroelectronics M69AW024BE Datasheet HTML 12Page - STMicroelectronics M69AW024BE Datasheet HTML 13Page - STMicroelectronics M69AW024BE Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
M69AW024BE
10/25
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. Exposure to Abso-
lute Maximum Rating conditions for extended
periods may affect device reliability. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied.
Table 3. Absolute Maximum Ratings
Note: 1. Compliant with the JEDEC Std J-STD-020B (for small body, Sn-Pb or Pb assembly), and the European directive on Restrictions on
Hazardous Substances (RoHS) 2002/95/EU.
Symbol
Parameter
Min
Max
Unit
IO
Output Current
–50
50
mA
TA
Ambient Operating Temperature
–30
85
°C
TLEAD
Lead Temperature During Soldering
(1)
°C
TSTG
Storage Temperature
–55
125
°C
VCC
Core Supply Voltage
–0.5
3.6
V
VIO
Input or Output Voltage
–0.5
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com