Electronic Components Datasheet Search
  English  ▼

X  

MIC7300 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC7300
Description  High-Output Drive Rail-to-Rail Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7300 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC7300 Datasheet HTML 14Page - Microchip Technology MIC7300 Datasheet HTML 15Page - Microchip Technology MIC7300 Datasheet HTML 16Page - Microchip Technology MIC7300 Datasheet HTML 17Page - Microchip Technology MIC7300 Datasheet HTML 18Page - Microchip Technology MIC7300 Datasheet HTML 19Page - Microchip Technology MIC7300 Datasheet HTML 20Page - Microchip Technology MIC7300 Datasheet HTML 21Page - Microchip Technology MIC7300 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2020 Microchip Technology Inc.
DS20006305A-page 19
MIC7300
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC7300YM5-TR: MIC7300, –40°C to +85°C
Temperature Range,
5-Lead SOT-23, 3,000/Reel
b) MIC7300YMM:
MIC7300, –40°C to +85°C
Temperature Range,
8-Lead MSOP, 100/Tube
c) MIC7300YMM-TR: MIC7300, –40°C to +85°C
Temperature Range,
8-Lead MSOP, 2,500/Reel
Device:
MIC7300:
High-Output Drive Rail-to-Rail Op Amp
Temperature
Range:
Y
=
–40
C to +85C (RoHS Compliant)
Package Option:
M5
=
5-Lead SOT-23
MM
=
8-Lead MSOP
Media Type:
<blank>=
100/Tube (MSOP only)
TR
=
2,500/Reel (MSOP only)
TR
=
3,000/Reel (SOT-23 only)
PART NO.
X
XX
-XX
Device
Temperature
Range
Package Option
Media Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com