Electronic Components Datasheet Search
  English  ▼

X  

MIC7300 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC7300
Description  High-Output Drive Rail-to-Rail Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7300 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC7300 Datasheet HTML 3Page - Microchip Technology MIC7300 Datasheet HTML 4Page - Microchip Technology MIC7300 Datasheet HTML 5Page - Microchip Technology MIC7300 Datasheet HTML 6Page - Microchip Technology MIC7300 Datasheet HTML 7Page - Microchip Technology MIC7300 Datasheet HTML 8Page - Microchip Technology MIC7300 Datasheet HTML 9Page - Microchip Technology MIC7300 Datasheet HTML 10Page - Microchip Technology MIC7300 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2020 Microchip Technology Inc.
DS20006305A-page 7
MIC7300
DC ELECTRICAL CHARACTERISTICS (10V)
Electrical Characteristics: Unless otherwise indicated, VV+ = +10V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2;
RL = 1 MΩ; TJ = 25°C, Note 1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
—
1.0
9
mV
—
Input Offset Voltage
Average Drift
TCVOS
—
1.0
—
V/°C
—
Input Bias Current
IB
—
0.5
—
pA
—
Input Offset Current
IOS
—
0.25
—
pA
—
Input Resistance
RIN
—
>1
—
TΩ
—
Common-Mode Rejection
Ratio
CMRR
60
85
—
dB
0V ≤ VCM ≤ 10V, Note 2
Input Common-Mode
Voltage
VCM
—
–0.3
–0.0
V
Input low, V+ = 10V, CMRR ≥ 60 dB
10.0
10.3
—
V
iIput high, V+ = 10V, CMRR ≥ 60 dB
Power Supply Rejection
Ratio
PSRR
55
75
—
dB
VV+ =|VV–= 2.5V to 5.0V, VCM = 0
Large Signal Voltage Gain
AV
80
340
—
V/mV
Sourcing or sinking,
RL = 2 kΩ, Note 3
15
300
—
V/mV
Sourcing or sinking,
RL = 600Ω, Note 3
Common-Mode Input
Capacitance
CIN
—
3
—
pF
—
Output Swing
VOUT
—
0.5
1.5
mV
Output high, RL = 100 kΩ, specified as
VV+ – VOUT
—
—
2.5
mV
Output high, RL = 100 kΩ, specified as
VV+ – VOUT, –40°C ≤ TJ ≤ +85°C
—
0.5
1.5
mV
Output low, RL = 100 kΩ
—
—
2.5
mV
Output low, RL = 100 kΩ, –40°C ≤ TJ ≤
+85°C
—
24
80
mV
Output high, RL = 2 kΩ, specified as
VV+ – VOUT
—
—
120
mV
Output high, RL = 2 kΩ, specified as
VV+ – VOUT, –40°C ≤ TJ ≤ +85°C
—
24
80
mV
Output low, RL = 2 kΩ
—
—
120
mV
Output low, RL = 2 kΩ, –40°C ≤ TJ ≤
+85°C
—
80
270
mV
Output high, RL = 600Ω, specified as
VV+ – VOUT
—
—
400
mV
Output high, RL = 600Ω, specified as
VV+ – VOUT, –40°C ≤ TJ ≤ +85°C
—
80
270
mV
Output low, RL = 600Ω
—
—
400
mV
Output low, RL = 600Ω, –40°C ≤ TJ ≤
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com