Electronic Components Datasheet Search
  English  ▼

X  

MIC7300 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC7300
Description  High-Output Drive Rail-to-Rail Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7300 Datasheet(HTML) 5 Page - Microchip Technology

  MIC7300 Datasheet HTML 1Page - Microchip Technology MIC7300 Datasheet HTML 2Page - Microchip Technology MIC7300 Datasheet HTML 3Page - Microchip Technology MIC7300 Datasheet HTML 4Page - Microchip Technology MIC7300 Datasheet HTML 5Page - Microchip Technology MIC7300 Datasheet HTML 6Page - Microchip Technology MIC7300 Datasheet HTML 7Page - Microchip Technology MIC7300 Datasheet HTML 8Page - Microchip Technology MIC7300 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2020 Microchip Technology Inc.
DS20006305A-page 5
MIC7300
Output Short Circuit
Current
ISC
60
95
—
mA
Sinking or sourcing (Note 2)
Supply Current
IS
—
0.8
2.2
mA
—
AC CHARACTERISTICS (3.0V)
Electrical Characteristics: Unless otherwise indicated, VV+ = +3.0V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2; RL =
1 MΩ; TJ = 25°C. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Slew Rate
SR
—
0.5
—
V/μs
—
Gain-Bandwidth Product
GBWP
—
0.45
—
MHz
—
Phase Margin
m
—
85
—
°
CL = 0 pF
—
40
—
°
CL = 3500 pF
Gain Margin
Gm
—
10
—
dB
—
Note 1: All limits guaranteed by testing or statistical analysis.
DC ELECTRICAL CHARACTERISTICS (5.0V)
Electrical Characteristics: Unless otherwise indicated, VV+ = +5.0V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2;
RL = 1 MΩ; TJ = 25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
—
1.0
9
mV
—
Input Offset Voltage
Average Drift
TCVOS
—
1.0
—
V/°C
—
Input Bias Current
IB
—
0.5
—
pA
—
Input Offset Current
IOS
—
0.25
—
pA
—
Input Resistance
RIN
—
>1
—
TΩ
—
Common-Mode Rejection
Ratio
CMRR
55
80
—
dB
0V ≤ VCM ≤ 5V, Note 1
Input Common-Mode
Voltage
VCM
—
–0.3
–0.0
V
Input low, CMRR ≥ 55 dB
5.0
5.3
—
V
Input high, CMRR ≥ 55 dB
Power Supply Rejection
Ratio
±PSRR
55
75
—
dB
VV+ =|VV–= 2.5V to 5.0V, VCM = 0
Common-Mode Input
Capacitance
CIN
—
3
—
pF
—
DC CHARACTERISTICS (3.0V) (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VV+ = +3.0V, VV– = 0V, VCM = VOUT = VV+/2; RL = 1 MΩ;
TJ = 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: CMRR is determined as follows: The maximum ΔVOS over the VCM range is divided by the magnitude of
the VCM range. The measurement points are: VV–, (VV+ – VV–)/2, and VV+.
2: Continuous short circuit may exceed absolute maximum TJ under some conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com