Electronic Components Datasheet Search
  English  ▼

X  

MIC7300 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC7300
Description  High-Output Drive Rail-to-Rail Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7300 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC7300 Datasheet HTML 4Page - Microchip Technology MIC7300 Datasheet HTML 5Page - Microchip Technology MIC7300 Datasheet HTML 6Page - Microchip Technology MIC7300 Datasheet HTML 7Page - Microchip Technology MIC7300 Datasheet HTML 8Page - Microchip Technology MIC7300 Datasheet HTML 9Page - Microchip Technology MIC7300 Datasheet HTML 10Page - Microchip Technology MIC7300 Datasheet HTML 11Page - Microchip Technology MIC7300 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MIC7300
DS20006305A-page 8
 2020 Microchip Technology Inc.
Output Short Circuit
Current
ISC
90
115
—
mA
Sinking or sourcing (Note 4)
Supply Current
IS
—
1.5
4.0
mA
VOUT = V+/2
Note 1: All limits guaranteed by testing or statistical analysis.
2: CMRR is determined as follows: The maximum ΔVOS over the VCM range is divided by the magnitude of
the VCM range. The measurement points are: VV–, (VV+ – VV–)/2, and VV+.
3: RL connected to 5V. Sourcing: 5V ≤ VOUT ≤ 10V. Sinking: 2.5V ≤ VOUT ≤ 5V.
4: Continuous short circuit may exceed absolute maximum TJ under some conditions..
AC ELECTRICAL CHARACTERISTICS (10V)
Electrical Characteristics: Unless otherwise indicated, VV+ = 10V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2;
RL = 1 MΩ; TJ = 25°C, Note 1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Total Harmonic Distortion
THD
—
0.01
—
%
f = 1 kHz, AV = –2, RL = 2 kΩ,
VOUT = 8.5VPP
Slew Rate
SR
—
0.5
—
V/
s
V+ = 10V, Note 2
Gain-Bandwidth Product
GBWP
—
0.37
—
MHz
—
Phase Margin
m
—
85
—
°
CL = 0 pF
—
40
—
°
CL = 6000 pF
Gain Margin
Gm
—
10
—
dB
—
Input-Referred Voltage
Noise
en
—
37
—
nV/
Hz f = 1 kHz, V
CM = 1V
Input-Referred Current
Noise
in
—
1.5
—
fA/
Hz f = 1 kHz
Note 1: All limits guaranteed by testing or statistical analysis.
2: Device connected as a voltage follower with a 10V step input. The value is the positive or negative slew
rate, whichever is slower.
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Operating Temperature
TJ
–40
—
+85
°C
—
Maximum Junction Temperature
TJ
—
—
+150
°C
—
Storage Temperature Range
TS
–65
—
+150
°C
—
Lead Temperature
—
—
+260
—
°C
soldering, 10 sec.
Package Thermal Resistances
Thermal Resistance, SOT-23-5Ld
JA
—
260
—
°C/W
—
Thermal Resistance, MSOP-8Ld
JA
—
85
—
°C/W
—
DC ELECTRICAL CHARACTERISTICS (10V) (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VV+ = +10V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2;
RL = 1 MΩ; TJ = 25°C, Note 1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com