Electronic Components Datasheet Search
  English  ▼

X  

DS3252 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS3252
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3252 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS3252 Datasheet HTML 17Page - Maxim Integrated Products DS3252 Datasheet HTML 18Page - Maxim Integrated Products DS3252 Datasheet HTML 19Page - Maxim Integrated Products DS3252 Datasheet HTML 20Page - Maxim Integrated Products DS3252 Datasheet HTML 21Page - Maxim Integrated Products DS3252 Datasheet HTML 22Page - Maxim Integrated Products DS3252 Datasheet HTML 23Page - Maxim Integrated Products DS3252 Datasheet HTML 24Page - Maxim Integrated Products DS3252 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
21 of 71
Register Name:
SRIEn
Register Description:
Status Register Interrupt Enable
Register Address:
05h, 15h, 25h, 35h
Bit
7
6
5
4
3
2
1
0
Name
JAFIE
JAEIE
TDMIE
PRBSIE
PBERIE
RCVIE
RLOLIE
RLOSIE
Default
0
0
0
0
0
0
0
0
Bit 7: Jitter Attenuator Full Interrupt Enable (JAFIE)
0 = mask JAFL interrupt
1 = enable JAFL interrupt
Bit 6: Jitter Attenuator Empty Interrupt Enable (JAEIE)
0 = mask JAEL interrupt
1 = enable JAEL interrupt
Bit 5: Transmitter Driver Monitor Interrupt Enable (TDMIE)
0 = mask TDML interrupt
1 = enable TDML interrupt
Bit 4: PRBS Detector Interrupt Enable (PRBSIE)
0 = mask PRBSL interrupt
1 = enable PRBSL interrupt
Bit 3: PRBS Detector Bit-Error Interrupt Enable (PBERIE)
0 = mask PBERL interrupt
1 = enable PBERL interrupt
Bit 2: Receiver Line-Code Violation Interrupt Enable (RCVIE)
0 = mask RCVL interrupt
1 = enable RCVL interrupt
Bit 1: Receiver Loss-of-Clock Lock Interrupt Enable (RLOLIE)
0 = mask RLOLL interrupt
1 = enable RLOLL interrupt
Bit 0: Receiver Loss-of-Signal Interrupt Enable (RLOSIE)
0 = mask RLOSL interrupt
1 = enable RLOSL interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com