Electronic Components Datasheet Search
  English  ▼

X  

DS3252 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # DS3252
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3252 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button DS3252 Datasheet HTML 50Page - Maxim Integrated Products DS3252 Datasheet HTML 51Page - Maxim Integrated Products DS3252 Datasheet HTML 52Page - Maxim Integrated Products DS3252 Datasheet HTML 53Page - Maxim Integrated Products DS3252 Datasheet HTML 54Page - Maxim Integrated Products DS3252 Datasheet HTML 55Page - Maxim Integrated Products DS3252 Datasheet HTML 56Page - Maxim Integrated Products DS3252 Datasheet HTML 57Page - Maxim Integrated Products DS3252 Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
54 of 71
Table 17-I. SPI Interface Timing
(VDD = 3.3V ±5%, TA = -40°C to +85°C.) (Figure 17-5)
PARAMETER (Note 1)
SYMBOL
MIN
TYP
MAX
UNITS
SCLK Frequency
fBUS
10
MHz
SCLK Cycle Time
tCYC
100
ns
CS Setup to First SCLK Edge
tSUC
15
ns
CS Hold time After Last SCLK Edge
tHDC
15
ns
SCLK High Time
tCLKH
50
ns
SCLK Low Time
tCLKL
50
ns
SDI Data Setup Time
tSUI
5
ns
SDI Data Hold Time
tHDI
15
ns
SDO Enable Time (High-Impedance to Output Active)
tEN
0
ns
SDO Disable Time (Output Active to High-Impedance)
tDIS
25
ns
SDO Data Valid Time
tDV
40
ns
SDO Data Hold Time After Update SCLK Edge
tHDO
5
ns
Note 1:
All timing is specified with 100pF load on all SPI pins.
Figure 17-5. SPI Interface Timing Diagram
CS
SCLK,
CPOL=0
SCLK,
CPOL=1
t
SUI
t
HDI
SDI
t
CYC
t
SUC
t
CLKH
t
CLKL
t
CLKL
t
CLKH
t
HDC
SDO
t
EN
t
DV
t
HDO
t
DIS
CPHA = 0
CPHA = 1
CS
SCLK,
CPOL=0
SCLK,
CPOL=1
t
CYC
t
SUC
t
CLKH
t
CLKL
t
CLKL
t
HDC
t
SUI
t
HDI
SDI
SDO
t
EN
t
DV
t
HDO
t
DIS
t
CLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com