Electronic Components Datasheet Search
  English  ▼

X  

DS3252 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS3252
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3252 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS3252 Datasheet HTML 45Page - Maxim Integrated Products DS3252 Datasheet HTML 46Page - Maxim Integrated Products DS3252 Datasheet HTML 47Page - Maxim Integrated Products DS3252 Datasheet HTML 48Page - Maxim Integrated Products DS3252 Datasheet HTML 49Page - Maxim Integrated Products DS3252 Datasheet HTML 50Page - Maxim Integrated Products DS3252 Datasheet HTML 51Page - Maxim Integrated Products DS3252 Datasheet HTML 52Page - Maxim Integrated Products DS3252 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
49 of 71
Table 17-H. Parallel CPU Interface Timing
(VDD = 3.3V ±5%, TA = -40°C to +85°C.) (Figure 17-3 and Figure 17-4)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Setup Time for A[5:0] Valid to
CS Active (Notes 1, 2)
t1
0
ns
Setup Time for
CS Active to RD, WR, or DS Active
t2
0
ns
Delay Time from
RD or DS Active to D[7:0] Valid
t3
65
ns
Hold Time from
RD or WR or DS Inactive to CS Inactive
t4
0
ns
Delay from
CS or RD or DS Inactive to D[7:0] Invalid or Tri-
State (Note 3)
t5
2
20
ns
Wait Time from
WR or DS Active to Latch D[7:0]
t6
65
ns
D[7:0] Setup Time to
WR or DS Inactive
t7
10
ns
D[7:0] Hold Time from
WR or DS Inactive
t8
2
ns
A[5:0] Hold Time from
WR or RD or DS Inactive
t9
5
ns
RD, WR, or DS Inactive Time
t10
75
ns
Muxed Address Valid to ALE Falling (Note 4)
t11
10
ns
Muxed Address Hold Time (Note 4)
t12
10
ns
ALE Pulse Width (Note 4)
t13
30
ns
Setup Time for ALE High or Muxed Address Valid to
CS
Active (Note 4)
t14
0
ns
Note 1:
D[7:0] loaded with 50pF when tested as outputs.
Note 2:
If a gapped clock is applied on TCLK and local loopback is enabled, read cycle time must be extended by the length of the largest
TCLK gap.
Note 3:
Not tested during production test.
Note 4:
In nonmultiplexed bus applications (Figure 17-3), ALE should be wired high. In multiplexed bus applications (Figure 17-4), A[5:0]
should be wired to D[5:0] and the falling edge of ALE latches the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com