Electronic Components Datasheet Search
  English  ▼

X  

PL580-30DI Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PL580-30DI
Description  38MHz-640MHz Low Phase Noise VCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL580-30DI Datasheet(HTML) 3 Page - PhaseLink Corporation

  PL580-30DI Datasheet HTML 1Page - PhaseLink Corporation PL580-30DI Datasheet HTML 2Page - PhaseLink Corporation PL580-30DI Datasheet HTML 3Page - PhaseLink Corporation PL580-30DI Datasheet HTML 4Page - PhaseLink Corporation PL580-30DI Datasheet HTML 5Page - PhaseLink Corporation PL580-30DI Datasheet HTML 6Page - PhaseLink Corporation PL580-30DI Datasheet HTML 7Page - PhaseLink Corporation PL580-30DI Datasheet HTML 8Page - PhaseLink Corporation PL580-30DI Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(Preliminary)
PL580-30
38MHz-640MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/30/05 Page 3
PAD ASSIGNMENT
Pad #
Name
X (
µm)
Y (
µm)
Description
1
GNDOSC
248
109
Ground, Oscillator circuitry.
2
GNDANA
361
109
Ground, Analog circuitry.
3
LP
473
109
Performance/Frequency tuning Inductor.
4
LM
587
109
Performance/Frequency tuning Inductor.
5
DNC
702
109
Do No Connect.
6
DNC
874
109
Do No Connect.
7
GNDDIG
1042
109
Ground, Digital circuitry.
8
GNDBUF
1171
109
Ground, buffer circuitry.
9
OE_SELECT
1400
125
Used to select between PECL or CMOS logic states for OE.
Incorporates internal pull up.
10
LVDS
1400
259
LVDS Output.
11
PECL
1400
476
PECL Output.
12
VDDBUF
1400
616
3.3V power supply, Buffer circuitry.
13
VDDBUF
1400
716
3.3V power supply, Buffer circuitry.
14
PECLB
1400
871
Complementary PECL Output.
15
LVDSB
1400
1089
Complementary LVDS Output.
16
CMOS
1400
1227
Single ended CMOS output.
17
GNDBUF
1389
1365
Ground, buffer circuitry.
18
OUTSEL1
1232
1365
Used to select CMOS, PECL or LVDS output type. Incorporates
internal pull up.
19
SEL1
1042
1365
20
SEL0
854
1365
Used to select multiplication factor. Incorporates internal pull up.
21
VDDDIG
659
1365
3.3V power supply, Digital circuitry.
22
VDDANA
559
1365
3.3V power supply, Analog circuitry.
23
VDDANA
459
1365
3.3V power supply, Analog circuitry.
24
VDDOSC
358
1365
3.3V power supply, Oscillator circuitry.
25
OUTSEL0B
194
1365
Used to select CMOS, PECL or LVDS output type. Incorporates
internal pull down.
26
XIN
109
1223
Crystal input. See crystal specification for details.
27
XOUT
109
1017
Crystal output. See crystal specification for details.
28
SEL2
109
858
Used to select multiplication factor. Incorporates internal pull up.
29
DNC
109
646
Do Not Connect
30
OE_CTRL
109
397
Used to enable/disable the output(s). See Output Selection and
Enable table.
31
VCON
109
181
Voltage Control Input. 0V to 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com