Electronic Components Datasheet Search
  English  ▼

X  

PL580-30DI Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PL580-30DI
Description  38MHz-640MHz Low Phase Noise VCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL580-30DI Datasheet(HTML) 6 Page - PhaseLink Corporation

  PL580-30DI Datasheet HTML 1Page - PhaseLink Corporation PL580-30DI Datasheet HTML 2Page - PhaseLink Corporation PL580-30DI Datasheet HTML 3Page - PhaseLink Corporation PL580-30DI Datasheet HTML 4Page - PhaseLink Corporation PL580-30DI Datasheet HTML 5Page - PhaseLink Corporation PL580-30DI Datasheet HTML 6Page - PhaseLink Corporation PL580-30DI Datasheet HTML 7Page - PhaseLink Corporation PL580-30DI Datasheet HTML 8Page - PhaseLink Corporation PL580-30DI Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(Preliminary)
PL580-30
38MHz-640MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/30/05 Page 6
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
38MHz<Fout<100MHz
65/45/30
PECL/LVDS/CMOS
100MHz<Fout<320MHz
80/60/40
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
PECL/LVDS
320MHz<Fout<640MHz
90/70
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock
Duty Cycle
@ 50% VDD (CMOS)
@ 1.25V (LVDS)
@ VDD – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit
Current
±50
mA
Note: CMOS operation is not advised above 200MHz with 15pF load; and 320MHz with 10pF load.
5. Jitter Specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
155.52MHz
0.4
0.5
311.04MHz
0.4
0.5
Integrated jitter RMS
Integrated 12 kHz to 20 MHz
622.08MHz
0.4
0.5
77.76MHz
2.5
4
155.52MHz
3
5
311.04MHz
3
5
Period jitter RMS
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
622.08MHz
6
8
ps
ps
77.76MHz
18
30
155.52MHz
20
30
311.04MHz
25
30
Period jitter Peak-to-
Peak
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
622.08MHz
40
50
ps
6. Phase Noise Specifications
PARAMETERS
FREQ.
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
@1M
@10M
UNITS
77.76MHz
-66
-96
-124
-136
-132
-145
-149
155.52MHz
-62
-92
-120
-132
-128
-144
-150
311.04MHz
-59
-86
-116
-129
-124
-140
-148
Phase Noise
relative to carrier
(typical)
622.08MHz
-48
-80
-108
-118
-114
-131
-138
dBc/Hz
Note: Phase Noise measured at VCON = 0V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com